Electronic Components Datasheet Search
  English  ▼

X  

PIC16 Datasheet(PDF) 333 Page - Microchip Technology

Part # PIC16
Description  20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16 Datasheet(HTML) 333 Page - Microchip Technology

Back Button PIC16 Datasheet HTML 329Page - Microchip Technology PIC16 Datasheet HTML 330Page - Microchip Technology PIC16 Datasheet HTML 331Page - Microchip Technology PIC16 Datasheet HTML 332Page - Microchip Technology PIC16 Datasheet HTML 333Page - Microchip Technology PIC16 Datasheet HTML 334Page - Microchip Technology PIC16 Datasheet HTML 335Page - Microchip Technology PIC16 Datasheet HTML 336Page - Microchip Technology PIC16 Datasheet HTML 337Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 333 / 418 page
background image
 2011-2013 Microchip Technology Inc.
DS40001609C-page 333
PIC16(L)F1508/9
TABLE 29-4:
I/O PORTS
Standard Operating Conditions (unless otherwise stated)
Param.
No.
Sym.
Characteristic
Min.
Typ†
Max.
Units
Conditions
VIL
Input Low Voltage
I/O PORT:
D030
with TTL buffer
—
—
0.8
V
4.5V
 VDD  5.5V
D030A
—
—
0.15 VDD
V1.8V
 VDD  4.5V
D031
with Schmitt Trigger buffer
—
—
0.2 VDD
V2.0V
 VDD  5.5V
with I2C™ levels
—
—
0.3 VDD
V
with SMbus levels
—
—
0.8
V
2.7V
 VDD  5.5V
D032
MCLR, OSC1 (EXTRC mode)
—
—
0.2 VDD
V
(Note 1)
D033
OSC1 (HS mode)
—
—
0.3 VDD
V
VIH
Input High Voltage
I/O PORT:
D040
with TTL buffer
2.0
—
—
V
4.5V
 VDD 5.5V
D040A
0.25 VDD +
0.8
——
V
1.8V
 VDD  4.5V
D041
with Schmitt Trigger buffer
0.8 VDD
——
V
2.0V
 VDD  5.5V
with I2C™ levels
0.7 VDD
——
V
with SMbus levels
2.1
—
—
V
2.7V
 VDD  5.5V
D042
MCLR
0.8 VDD
——
V
D043A
OSC1 (HS mode)
0.7 VDD
——
V
D043B
OSC1 (EXTRC mode)
0.9 VDD
——
V
VDD
 2.0V (Note 1)
IIL
Input Leakage Current(2)
D060
I/O Ports
—
± 5
± 125
nA
VSS
 VPIN  VDD,
Pin at high-impedance, 85°C
—
± 5
± 1000
nA
VSS
 VPIN  VDD,
Pin at high-impedance, 125°C
D061
MCLR(3)
—± 50
± 200
nA
VSS
 VPIN  VDD,
Pin at high-impedance, 85°C
IPUR
Weak Pull-up Current
D070*
25
100
200
AVDD = 3.3V, VPIN = VSS
25
140
300
AVDD = 5.0V, VPIN = VSS
VOL
Output Low Voltage(4)
D080
I/O Ports
——
0.6
V
IOL = 8 mA, VDD = 5V
IOL = 6 mA, VDD = 3.3V
IOL = 1.8 mA, VDD = 1.8V
VOH
Output High Voltage(4)
D090
I/O Ports
VDD - 0.7
—
—
V
IOH = 3.5 mA, VDD = 5V
IOH = 3 mA, VDD = 3.3V
IOH = 1 mA, VDD = 1.8V
D101*
COSC2 Capacitive Loading Specifications on Output Pins
OSC2 pin
—
—
15
pF
In XT, HS, LP modes when
external clock is used to drive
OSC1
D101A* CIO
All I/O pins
—
—
50
pF
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are
not tested.
Note 1:
In EXTRC oscillator configuration, the OSC1/CLKIN pin is a Schmitt Trigger input. It is not recommended to use an
external clock in EXTRC mode.
2:
Negative current is defined as current sourced by the pin.
3:
The leakage current on the MCLR pin is strongly dependent on the applied voltage level. The specified levels represent
normal operating conditions. Higher leakage current may be measured at different input voltages.
4:
Excluding OSC2 in CLKOUT mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com