Electronic Components Datasheet Search
  English  ▼

X  

PIC16 Datasheet(PDF) 337 Page - Microchip Technology

Part # PIC16
Description  20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16 Datasheet(HTML) 337 Page - Microchip Technology

Back Button PIC16 Datasheet HTML 333Page - Microchip Technology PIC16 Datasheet HTML 334Page - Microchip Technology PIC16 Datasheet HTML 335Page - Microchip Technology PIC16 Datasheet HTML 336Page - Microchip Technology PIC16 Datasheet HTML 337Page - Microchip Technology PIC16 Datasheet HTML 338Page - Microchip Technology PIC16 Datasheet HTML 339Page - Microchip Technology PIC16 Datasheet HTML 340Page - Microchip Technology PIC16 Datasheet HTML 341Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 337 / 418 page
background image
 2011-2013 Microchip Technology Inc.
DS40001609C-page 337
PIC16(L)F1508/9
FIGURE 29-5:
CLOCK TIMING
TABLE 29-7:
CLOCK OSCILLATOR TIMING REQUIREMENTS
Standard Operating Conditions (unless otherwise stated)
Param.
No.
Sym.
Characteristic
Min.
Typ†
Max.
Units
Conditions
OS01
FOSC
External CLKIN Frequency(1)
DC
—
0.5
MHz
External Clock (ECL)
DC
—
4
MHz
External Clock (ECM)
DC
—
20
MHz
External Clock (ECH)
Oscillator Frequency(1)
—
32.768
—
kHz
LP Oscillator
0.1
—
4
MHz
XT Oscillator
1
—
4
MHz
HS Oscillator
1
—
20
MHz
HS Oscillator, VDD > 2.7V
DC
—
4
MHz
EXTRC, VDD > 2.0V
OS02
TOSC
External CLKIN Period(1)
27
—
µs
LP Oscillator
250
—
ns
XT Oscillator
50
—
ns
HS Oscillator
50
—
ns
External Clock (EC)
Oscillator Period(1)
—
30.5
—
µs
LP Oscillator
250
—
10,000
ns
XT Oscillator
50
—
1,000
ns
HS Oscillator
250
—
—
ns
EXTRC
OS03
TCY
Instruction Cycle Time(1)
200
TCY
DC
ns
TCY = 4/FOSC
OS04*
TosH,
TosL
External CLKIN High
External CLKIN Low
2
—
—
µs
LP Oscillator
100
—
—
ns
XT Oscillator
20
—
—
ns
HS Oscillator
OS05*
TosR,
TosF
External CLKIN Rise
External CLKIN Fall
0
—
—
ns
LP Oscillator
0
—
—
ns
XT Oscillator
0
—
—
ns
HS Oscillator
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance only and are not
tested.
Note 1: Instruction cycle period (TCY) equals four times the input oscillator time base period. All specified values are based on
characterization data for that particular oscillator type under standard operating conditions with the device executing code.
Exceeding these specified limits may result in an unstable oscillator operation and/or higher than expected current con-
sumption. All devices are tested to operate at “min” values with an external clock applied to CLKIN pin. When an external
clock input is used, the “max” cycle time limit is “DC” (no clock) for all devices.
CLKIN
CLKOUT
Q4
Q1
Q2
Q3
Q4
Q1
OS02
OS03
(CLKOUT mode)
Note
1:
See Table 29-9.
OS11
OS12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com