Electronic Components Datasheet Search
  English  ▼

X  

PIC16 Datasheet(PDF) 339 Page - Microchip Technology

Part # PIC16
Description  20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16 Datasheet(HTML) 339 Page - Microchip Technology

Back Button PIC16 Datasheet HTML 335Page - Microchip Technology PIC16 Datasheet HTML 336Page - Microchip Technology PIC16 Datasheet HTML 337Page - Microchip Technology PIC16 Datasheet HTML 338Page - Microchip Technology PIC16 Datasheet HTML 339Page - Microchip Technology PIC16 Datasheet HTML 340Page - Microchip Technology PIC16 Datasheet HTML 341Page - Microchip Technology PIC16 Datasheet HTML 342Page - Microchip Technology PIC16 Datasheet HTML 343Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 339 / 418 page
background image
 2011-2013 Microchip Technology Inc.
DS40001609C-page 339
PIC16(L)F1508/9
FIGURE 29-7:
CLKOUT AND I/O TIMING
TABLE 29-9:
CLKOUT AND I/O TIMING PARAMETERS
Standard Operating Conditions (unless otherwise stated)
Param.
No.
Sym.
Characteristic
Min.
Typ†
Max.
Units
Conditions
OS11
TosH2ckL
FOSC
 to CLKOUT(1)
—
—
70
ns
3.3V
 VDD 5.0V
OS12
TosH2ckH
FOSC
 to CLKOUT(1)
—
—
72
ns
3.3V
 VDD 5.0V
OS13
TckL2ioV
CLKOUT
 to Port out valid(1)
—
—
20
ns
OS14
TioV2ckH
Port input valid before CLKOUT
(1)
TOSC + 200 ns
—
—
ns
OS15
TosH2ioV
Fosc
 (Q1 cycle) to Port out valid
—
50
70*
ns
3.3V
 VDD 5.0V
OS16
TosH2ioI
Fosc
 (Q2 cycle) to Port input invalid
(I/O in setup time)
50
—
—
ns
3.3V
 VDD 5.0V
OS17
TioV2osH
Port input valid to Fosc
(Q2 cycle)
(I/O in setup time)
20
—
—
ns
OS18*
TioR
Port output rise time
—
—
40
15
72
32
ns
VDD = 1.8V
3.3V
 VDD 5.0V
OS19*
TioF
Port output fall time
—
—
28
15
55
30
ns
VDD = 1.8V
3.3V
 VDD 5.0V
OS20*
Tinp
INT pin input high or low time
25
—
—
ns
OS21*
Tioc
Interrupt-on-change new input level time
25
—
—
ns
*
These parameters are characterized but not tested.
†
Data in “Typ” column is at 3.0V, 25
C unless otherwise stated.
Note 1: Measurements are taken in EXTRC mode where CLKOUT output is 4 x TOSC.
FOSC
CLKOUT
I/O pin
(Input)
I/O pin
(Output)
Q4
Q1
Q2
Q3
OS11
OS19
OS13
OS15
OS18, OS19
OS20
OS21
OS17
OS16
OS14
OS12
OS18
Old Value
New Value
Write
Fetch
Read
Execute
Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com