Electronic Components Datasheet Search
  English  ▼

X  

PIC16 Datasheet(PDF) 341 Page - Microchip Technology

Part # PIC16
Description  20-Pin Flash, 8-Bit Microcontrollers with XLP Technology
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16 Datasheet(HTML) 341 Page - Microchip Technology

Back Button PIC16 Datasheet HTML 337Page - Microchip Technology PIC16 Datasheet HTML 338Page - Microchip Technology PIC16 Datasheet HTML 339Page - Microchip Technology PIC16 Datasheet HTML 340Page - Microchip Technology PIC16 Datasheet HTML 341Page - Microchip Technology PIC16 Datasheet HTML 342Page - Microchip Technology PIC16 Datasheet HTML 343Page - Microchip Technology PIC16 Datasheet HTML 344Page - Microchip Technology PIC16 Datasheet HTML 345Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 341 / 418 page
background image
 2011-2013 Microchip Technology Inc.
DS40001609C-page 341
PIC16(L)F1508/9
TABLE 29-10: RESET, WATCHDOG TIMER, OSCILLATOR START-UP TIMER, POWER-UP TIMER
AND BROWN-OUT RESET PARAMETERS
FIGURE 29-9:
BROWN-OUT RESET TIMING AND CHARACTERISTICS
Standard Operating Conditions (unless otherwise stated)
Param.
No.
Sym.
Characteristic
Min. Typ† Max. Units
Conditions
30
TMCLMCLR Pulse Width (low)
2
—
—
s
31
TWDTLP Low-Power Watchdog Timer
Time-out Period
10
16
27
ms
VDD = 3.3V-5V,
1:16 Prescaler used
32
TOST
Oscillator Start-up Timer Period(1)
—
1024
—
TOSC
33*
TPWRT
Power-up Timer Period
40
65
140
ms
PWRTE = 0
34*
TIOZ
I/O high-impedance from MCLR Low
or Watchdog Timer Reset
——
2.0
s
35
VBOR
Brown-out Reset Voltage(2)
2.55
2.35
1.80
2.70
2.45
1.90
2.85
2.58
2.05
V
V
V
BORV = 0
BORV = 1 (PIC16F1508/9)
BORV = 1 (PIC16LF1508/9)
36*
VHYST
Brown-out Reset Hysteresis
0
25
60
mV
-40°C
 TA  +85°C
37*
TBORDC Brown-out Reset DC Response Time
1
16
35
sVDD  VBOR
38
VLPBOR Low-Power Brown-Out Reset Voltage
1.8
2.1
2.5
V
LPBOR = 1
*
These parameters are characterized but not tested.
† Data in “Typ” column is at 3.0V, 25°C unless otherwise stated. These parameters are for design guidance
only and are not tested.
Note 1: By design, the Oscillator Start-up Timer (OST) counts the first 1024 cycles, independent of frequency.
2: To ensure these voltage tolerances, VDD and VSS must be capacitively decoupled as close to the device as
possible. 0.1
F and 0.01 F values in parallel are recommended.
VBOR
VDD
(Device in Brown-out Reset)
(Device not in Brown-out Reset)
33
Reset
(due to BOR)
VBOR and VHYST
37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com