Electronic Components Datasheet Search
  English  ▼

X  

MP2905 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP2905
Description  3V-28V Input, Hysteretic Synchronous Step-Down Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2905 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP2905 Datasheet HTML 5Page - Monolithic Power Systems MP2905 Datasheet HTML 6Page - Monolithic Power Systems MP2905 Datasheet HTML 7Page - Monolithic Power Systems MP2905 Datasheet HTML 8Page - Monolithic Power Systems MP2905 Datasheet HTML 9Page - Monolithic Power Systems MP2905 Datasheet HTML 10Page - Monolithic Power Systems MP2905 Datasheet HTML 11Page - Monolithic Power Systems MP2905 Datasheet HTML 12Page - Monolithic Power Systems MP2905 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MP2905- 3V to 28V INPUT, HYSTERETIC SYNCHRONOUS STEP-DOWN CONTROLLER
MP2905 Rev. 0.91
www.monolithicpower.com
9
4/18/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011. All Rights Reserved.
OPERATION
MP2905 uses a hysteretic control loop to
regulate output voltage. It senses the voltage at
FB pin, which is compared with SS voltage with
20mV hysteresis. When FB is lower than SS
20mV, high side switch turns on and FB voltage
rises up. After FB voltage reaches SS voltage,
high side switch turns off and low side switch
turns on, which cause FB voltage drop until FB is
lower than SS 20mV. So Vout is regulated at a
stable voltage because FB voltage is regulated at
the voltage (SS-10mV). See the setting output
voltage for detailed information. Hysteretic
voltage-mode control provides fast transient
response without additional loop compensation.
Soft-start
An external cap is connected at SS pin to realize
soft-start function. When SS pin pull down
transistor turns off, internal reference begins to
charge SS external cap through a resistor-divider.
So FB rises slowly following SS voltage and
inrush current is avoided. Soft-start time is
determined by external cap and internal resistor-
divider.
If SS has pre-bias voltage at startup, both HG
and LG keep low, SS cap begins to discharge
until lower than 50mV. Then SS will rise slowly
and FB tracks SS.
Startup Sequence
In MP2905, at startup, if FB>SS, which means
output has pre-bias voltage, HG and LG don’t
toggle until SS greater than FB.
Current Limit Function
A resistor is connected from the Drain of the high
side MOSFET to ILIM pin to set current limit
value. Internal 50uA current sink from ILIM to
GND limits the maximum VDS cross high side
switch drain and source. When VFB<300mV, if
high side switch current hits the current limit, high
side switch turns off immediately. If VFB>300mV,
over current event occurs in four sequential
cycles, high side switch turns off. Once high side
MOSFET turns off, SS cap will be discharged by
250nA current. After SS voltage is lower than
50mV, SS cap is stopped discharging and high
side switch tries to turn on again.
Output Over-voltage protection
Output over-voltage is monitored by FB voltage.
If FB voltage higher than 750mV, HG is set low
and LG is set high. This status will be latched
until restart EN or VIN.
Enable
MP2905 turns off by pulling down SS pin to lower
than 50mV. Releasing SS will start the run cycle.
High Side Gate Driver
MP2905 doesn’t need Schottky, but still needs
0.1uF BST cap between BST pin and SW pin.
Internal Regulator
Most of the internal circuitries are powered from
the 5V internal regulator (REF). This regulator
takes VIN input and operates in the full input
range. When VIN is greater than 5.0V, the output
of the regulator is full regulation. When VIN is
lower than 5.0V, the output decreases. Bypass
REF pin to GND with a 4.7uF or greater capacitor.
Under Voltage Lockout (UVLO)
Under-voltage lockout (UVLO) is implemented to
protect the chip from operating at insufficient
supply voltage.
The MP2905 UVLO comparator monitors the
output voltage of the internal regulator (REF).
Thermal protection
The purpose of thermal protection is to prevent
damage in the IC by allowing exceptive current to
flow
and
heating
the
junction.
The
die
temperature is internally monitored until the
thermal limit is reached. Once this temperature is
reached, the part will be shut down and allow the
chip to cool. When the IC is cool enough, the part
will be turned on again. There is a built-in
hysteresis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com