Electronic Components Datasheet Search
  English  ▼

X  

MP2905 Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP2905
Description  3V-28V Input, Hysteretic Synchronous Step-Down Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2905 Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP2905 Datasheet HTML 8Page - Monolithic Power Systems MP2905 Datasheet HTML 9Page - Monolithic Power Systems MP2905 Datasheet HTML 10Page - Monolithic Power Systems MP2905 Datasheet HTML 11Page - Monolithic Power Systems MP2905 Datasheet HTML 12Page - Monolithic Power Systems MP2905 Datasheet HTML 13Page - Monolithic Power Systems MP2905 Datasheet HTML 14Page - Monolithic Power Systems MP2905 Datasheet HTML 15Page - Monolithic Power Systems MP2905 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MP2905- 3V to 28V INPUT, HYSTERETIC SYNCHRONOUS STEP-DOWN CONTROLLER
MP2905 Rev. 0.91
www.monolithicpower.com
12
4/18/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011. All Rights Reserved.
Since the input capacitor (Cin) absorbs the
input switching current, it requires an adequate
ripple current rating. The RMS current in the
input capacitor can be estimated by:
OUT
OUT
Cin
LOAD
IN
IN
VV
II
(1
)
VV
=×
× −
The worse case condition occurs at VIN = 2VOUT,
where
LOAD
Cin
I
I
2
=
For simplification, choose the input capacitor
whose RMS current rating greater than half of
the maximum load current.
The input capacitor can be electrolytic, tantalum
or ceramic. When using electrolytic or tantalum
capacitors, a small, high quality ceramic
capacitor, i.e. 0.1µF, should be placed as close
to the IC as possible. When using ceramic
capacitors, make sure that they have enough
capacitance to provide sufficient charge to
prevent excessive voltage ripple at input
terminal. The input voltage ripple can be
estimated by capacitance:
LOAD
OUT
OUT
IN
Sin
IN
IN
IV
V
V(1
)
fC
V
V
D=
´
´
-
´
Setting the Output capacitor
The output capacitor (Cout) is required to
maintain the DC output voltage. Ceramic,
tantalum, or low ESR electrolytic capacitors are
recommended.
Low
ESR
capacitors
are
preferred to keep the output voltage ripple low.
The output voltage ripple can be estimated by:
OUT
OUT
OUT
ESR
SIN
S
OUT
VV
1
V(1
) (R
)
fL1
V
8 f
C
D=
´
-
´
+
´´
´
Where L is the inductor value and RESR is the
equivalent series resistance (ESR) value of the
output capacitor.
In the case of ceramic capacitors, the
impedance at the switching frequency is
dominated by the capacitance. The output
voltage ripple is mainly determined by the
capacitance. For simplification, the output
voltage ripple is:
OUT
OUT
OUT
2
IN
SOUT
VV
V(1
)
V
8f
L1 C
D=
´
-
´´
´
In the case of tantalum or electrolytic capacitors,
the ESR dominates the impedance at the
switching frequency. For simplification, the
output ripple is:
OUT
OUT
OUT
ESR
SIN
VV
V(1
) R
fL1
V
D=
´
-
´
´
The characteristics of the output capacitor also
affect the transient response and the stability of
the regulation system. Higher voltage ripple will
influence the voltage of the feed forward
capacitor to make the system be unstable. So,
at the condition which the tantalum or
electrolytic capacitors with higher ESR is used
or output current is higher, a RC filter is
necessary from Vout to GND. Connect the
resistor of filter between the Vout and feed
forward capacitor, and connect the capacitor of
filter from feed forward capacitor to GND.
Follow the R7 and C12 connection in MP2905
typical application. 10Ω/1uF or 2Ω/4.4uF is
recommended for good stability and better
transient response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com