Electronic Components Datasheet Search
  English  ▼

X  

MP2905 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2905
Description  3V-28V Input, Hysteretic Synchronous Step-Down Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2905 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2905 Datasheet HTML 6Page - Monolithic Power Systems MP2905 Datasheet HTML 7Page - Monolithic Power Systems MP2905 Datasheet HTML 8Page - Monolithic Power Systems MP2905 Datasheet HTML 9Page - Monolithic Power Systems MP2905 Datasheet HTML 10Page - Monolithic Power Systems MP2905 Datasheet HTML 11Page - Monolithic Power Systems MP2905 Datasheet HTML 12Page - Monolithic Power Systems MP2905 Datasheet HTML 13Page - Monolithic Power Systems MP2905 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MP2905- 3V to 28V INPUT, HYSTERETIC SYNCHRONOUS STEP-DOWN CONTROLLER
MP2905 Rev. 0.91
www.monolithicpower.com
10
4/18/2011
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2011. All Rights Reserved.
APPLICATION INFORMATION
Setting the Output Voltage
The external resistor divider is used to set the
output voltage (see the schematic on front
page).
R1 is for approximately 50µA to 150µA bias
current in the resistor-divider. A wide range of
resistor R1 value is acceptable, choosing a
typical value 6.04k, R3 is determined by:
DC
LOAD
FB
Vout 0.01V (R
0.5 I
)
R3 R1 (
1)
V
++
×
×
=×
−
where VFB = 0.590V, RDC is the DC resistance
of the output inductor, ILOAD is the full load
current, 0.5*ILOAD is half load condition, it’s for
Load regulation standard. The term 0.01V is to
reflect 1/2 of the feedback threshold hysteresis.
But R3 value also can’t be too large, or circuit
may work abnormally.
Selecting the Inductor
The inductor is required to supply constant
current to the output load while being driven by
the switched input voltage. A larger value
inductor will is favorable to less ripple current
and the lower output ripple voltage. However,
the larger value inductor will have a larger
physical size, higher series DC resistance,
and/or lower saturation current. A good rule for
determining the inductance to use is to allow
the peak-to-peak ripple current in the inductor
to be approximately 30% of the maximum
switch current limit. Also, make sure that the
peak inductor current is below the maximum
switch current limit. The inductance value can
be calculated by:
OUT
OUT
SL
IN
VV
L1
(1
)
fI
V
=× −
×∆
where VIN is the input voltage, VOUT is the output
voltage, fS is the switching frequency, and ∆IL is
the peak-to-peak inductor ripple current.
Choose an inductor that will not saturate under
the maximum inductor peak current. The peak
inductor current can be calculated by:
OUT
OUT
LP
LOAD
SIN
VV
II
(1
)
2f
L1
V
=+
× −
××
where ILOAD is the full load current.
Setting Current Limit
MP2905 current limit can be set by an external
resistor (R2) which is connected between ILIM
pin and the drain of the high side MOSFET. An
internal 50uA sink current sets a voltage drop
on the resistor. The voltage drop compares to
high-side MOSFET voltage drop (Vds) to set
the peak current limit threshold. Below is the
diagram of current limit function:
--
+
--
+
+
--
ILIM
RILIM
VIN
Rdson_max
High Side
Switch
OC COM
SW
Ids
SW
V+
V-
Figure 2—Current Limit Functional Diagram
The voltage drop on the high side MOSFET is:
DS _ ON
DS
DS _ ON
V
(max) I (max) R
(max)
=
×
Where IDS(max) equals the max peak inductor
current ILP (max).
Then, RILIM can be calculated using the
VDS_ON(MAX) with the following formula:
DS _ ON
ILIM
V(max)
R( )
50uA
=
Ω
And RILIM should be kept in the range of 1kΩ~
8kΩ.
Selecting Power MOSFETs
The MP2905 connects two external, logic-level,
n-channel MOSFETs as the circuit switching
elements. The MOSFETs are the key points for
circuit efficiency. The major parameters we
should concern are:
1) On-resistance, RDS_ON: the lower, the better it
will be.
2) Continuous Drain Current (@10sec), ID: it
should be higher than the peak current @ full
load condition. And pay attention to ID’s
variation with different temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com