Electronic Components Datasheet Search
  English  ▼

X  

MP2932 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2932
Description  6-Phase PWM Controller with 8-Bit DAC Code for VR10 and VR11
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2932 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2932 Datasheet HTML 6Page - Monolithic Power Systems MP2932 Datasheet HTML 7Page - Monolithic Power Systems MP2932 Datasheet HTML 8Page - Monolithic Power Systems MP2932 Datasheet HTML 9Page - Monolithic Power Systems MP2932 Datasheet HTML 10Page - Monolithic Power Systems MP2932 Datasheet HTML 11Page - Monolithic Power Systems MP2932 Datasheet HTML 12Page - Monolithic Power Systems MP2932 Datasheet HTML 13Page - Monolithic Power Systems MP2932 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
MP2932 - 6-PHASE PWM CONTROLLER WITH 8-BIT ADC CODE
MP2932 Rev.1.02
www.MonolithicPower.com
10
4/30/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
OPERATION
Multiphase Power Conversion
The MP2932 is a multiphase VR controller for
Intel VR11 or VR10. It can be programmed for 2-,
3-, 4-, 5- or 6 channel operation for micro-
processor core supply power converters with
interleaved switching. The interleaving work of
each phase can help to reduce of ripple current
amplitude in the multiphase circuit and to reduce
input ripple current.
The MP2932 control system is based on Dual-
Edge PWM providing the fastest load response.
Under load transition condition, the MP2932 can
turn on all phase together to improve the load
transient. It can achieve excellent transient
performance and reduce the demand on the
output capacitors.
Number of Phases
The number of operational phases is determined
by internal circuitry that monitors the PWM
outputs. Normally, the MP2932 operates as a 6-
phase controller. The number of active channels
is determined by the state of PWM3, PWM4,
PWM5, and PWM6. For 2-phase operation,
connect PWM3 to VCC; similarly, PWM4 for 3-
phase, PWM5 for 4-phase, and PWM6 for 5-
phase operation. Table 1 shows the phase firing
sequence.
Table 1—Phase firing sequence
Configuration
Phase Sequence
6-Phase
1 - 2 - 3 - 4 - 5 - 6
5-Phase
1 - 2 - 3 - 4 - 5
4-Phase
1 - 3 - 4 - 2
3-Phase
1 - 2 - 3
2-Phase
1 - 2
Switching Frequency
The clock frequency is set by an external resistor
RT connected from the FS pin to GND.
The resistor RT can be estimated by Equation (1).
600
SW
10
T
F
10
2.5
R
(1)
Where FSW is the switching frequency of each
phase.
Current Sensing
MP2932 has cycle by cycle current sense for fast
response. MP2932 adopts inductor DCR sensing,
or resistive sensing techniques. The sense
current, ISEN, is proportional to the inductor
current. The sensed current is used for current
balance, load-line regulation, and overcurrent
protection.
Inductor DCR Sensing
The MP2932 can adopt a lossless current
sensing scheme, commonly referred to as
inductor DCR sensing, as shown in Figure 2.
CURRENT
SENSE
ISEN+(n)
ISEN-(n)
RC
V (s)
V
LDCR
MP2932 INTERNAL CIRCUIT
SW
PWM
Intelli-Phase
Vin
Vin
GND
PWM(n)
I(s)
C
VOUT
COUT
RISEN(n)
L
L
=I
R
DCR
SEN
I
L
ISEN
In
CT
Figure 2—DCR Sensing Configuration
Equation (2) shows the s-domain equivalent
voltage across the inductor VL.

DCR
L
s
L
I
L
V
(2)
A simple RC network across the inductor extracts
the DCR voltage, as shown in Figure 2.
The voltage on the capacitor VC, can be shown to
be proportional to the channel current IL, see
Equation (3).

1
RC
s
L
I
DCR
1
DCR
L
s
C
V
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com