Electronic Components Datasheet Search
  English  ▼

X  

MP3305 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP3305
Description  36V, 1.3A, Step-up White LED Driver with High Frequency True PWM Dimming & Adjust OVP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3305 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP3305 Datasheet HTML 1Page - Monolithic Power Systems MP3305 Datasheet HTML 2Page - Monolithic Power Systems MP3305 Datasheet HTML 3Page - Monolithic Power Systems MP3305 Datasheet HTML 4Page - Monolithic Power Systems MP3305 Datasheet HTML 5Page - Monolithic Power Systems MP3305 Datasheet HTML 6Page - Monolithic Power Systems MP3305 Datasheet HTML 7Page - Monolithic Power Systems MP3305 Datasheet HTML 8Page - Monolithic Power Systems MP3305 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
MP3305 –36V, 1.3A, STEP-UP WHITE LED DRIVER WITH HIGH FREQUENCY TRUE PWM DIMMING & ADJUST OVP
MP3305 Rev. 1.0
www.MonolithicPower.com
3
4/10/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = VEN = 5V, TA = +25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max Units
Operating Input Voltage
VIN
2.5
6
V
Supply Current (Shutdown)
IIN_SD
VEN = 0V
1
2
µA
Supply Current (Quiescent)
IIN_QS
VISET = 0.3V
690
850
µA
Switching Frequency
FSW
1.7
2.2
2.7
MHz
Maximum Duty Cycle
DMAX
VISET = 0V
90
%
Under Voltage Lockout
IN Under Voltage Lockout
VUVLO
VIN Rising
2.25
2.45
V
Under
Voltage
Lockout
Hysteresis
92
mV
Open
Lamp
Shutdown
Threshold
VOVP
VOV Rising
0.9
V
Enable
EN OFF Threshold
VEN_LOW
VEN Falling
0.4
V
EN ON Threshold
VEN_HIGH
VEN Rising
1.8
V
Disable Timer
5
ms
Minimum EN ON Pulse
5
µs
Feedback
ISET Voltage
VISET
VEN > 2V
185
200
215
mV
ISET Input Bias Current
VISET = 0.2V
-600
-300
nA
Output Switch
SW On-Resistance
RON
0.4
Ω
SW Current Limit
Duty Cycle = 60%
1.33
A
Thermal Shutdown
150
°C
LED Switch (M2, refer block
diagram) On Resistance
0.8
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com