Electronic Components Datasheet Search
  English  ▼

X  

MP3305 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP3305
Description  36V, 1.3A, Step-up White LED Driver with High Frequency True PWM Dimming & Adjust OVP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3305 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP3305 Datasheet HTML 3Page - Monolithic Power Systems MP3305 Datasheet HTML 4Page - Monolithic Power Systems MP3305 Datasheet HTML 5Page - Monolithic Power Systems MP3305 Datasheet HTML 6Page - Monolithic Power Systems MP3305 Datasheet HTML 7Page - Monolithic Power Systems MP3305 Datasheet HTML 8Page - Monolithic Power Systems MP3305 Datasheet HTML 9Page - Monolithic Power Systems MP3305 Datasheet HTML 10Page - Monolithic Power Systems MP3305 Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
MP3305 –36V, 1.3A, STEP-UP WHITE LED DRIVER WITH HIGH FREQUENCY TRUE PWM DIMMING & ADJUST OVP
MP3305 Rev. 1.0
www.MonolithicPower.com
10
4/10/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS (continued)
MP3305
SW
OVP
IN
LED
GND
ISET
PGND
EN
C3
330nF
R1
R2
D1
B0540
L1
LED1
LED2
LED3
LED4
LED5
LED6
LED7
LED8
LED9
LED10
GND
EN
VIN
5V
C1
16V
C2
16V
1
27
5
8
6
4
3
1%
R3
R4
Figure 7 — Driving 10 WLEDs in Series with 5V Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com