Electronic Components Datasheet Search
  English  ▼

X  

MP3305 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3305
Description  36V, 1.3A, Step-up White LED Driver with High Frequency True PWM Dimming & Adjust OVP
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3305 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3305 Datasheet HTML 1Page - Monolithic Power Systems MP3305 Datasheet HTML 2Page - Monolithic Power Systems MP3305 Datasheet HTML 3Page - Monolithic Power Systems MP3305 Datasheet HTML 4Page - Monolithic Power Systems MP3305 Datasheet HTML 5Page - Monolithic Power Systems MP3305 Datasheet HTML 6Page - Monolithic Power Systems MP3305 Datasheet HTML 7Page - Monolithic Power Systems MP3305 Datasheet HTML 8Page - Monolithic Power Systems MP3305 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MP3305
36V, 1.3A, Step-up
White LED Driver
with High Frequency True PWM Dimming & Adjust OVP
MP3305 Rev. 1.0
www.MonolithicPower.com
1
4/10/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP3305 is a monolithic step-up converter
designed for driving arrays of WLEDs from 5V
input or a single cell Lithium Ion battery. The
MP3305 uses current mode, fixed frequency
architecture to regulate the LED current, which is
measured through an external current sense
resistor. Its low 200mV feedback voltage reduces
power loss and improves efficiency.
The MP3305 features up to 50kHz true PWM
dimming, which allows the flexible control of the
backlighting luminance under wide range of the
ambient brightness, and also avoids
the
possibility of PWM dimming audible noise.
The MP3305 is turned off if an over-voltage
condition is present due to an open circuit
condition. Use one external resistor voltage
divider to adjust OVP threshold. MP3305 also
includes under-voltage lockout, current limiting
and thermal overload protection preventing
damage in the event of an output overload.
The MP3305 is available in small 8-pin QFN
2x3mm package.
FEATURES
• Internal Power MOSFET
• Drives up to 10 Series White LEDs
• Up to 88% Efficiency
• PWM Dimming Frequency from 250Hz to
50kHz
• 2.2MHz Fixed Switching Frequency
• Adjustable Open Load Shutdown Threshold
(OVP)
• Low 200mV Feedback Voltage
• UVLO, Thermal Shutdown
• Internal 1.3A Current Limit
• Available in 2mm x 3mm QFN8 Package
APPLICATIONS
• LCD Panels
• Digital Picture Frames
• Handheld Computers and PDAs
• Digital Still Cameras
• Small LCD Displays
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Quality Assurance. “Monolithic Power
Systems”, “MPS”, and “The Future of Analog IC Technology” are Registered
Trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP3305
VIN
5V
Enable/
Dimming
Control
LED1
LED2
LED3
R2
R1
RSET
L
D
C1
C2
LED28
LED29
LED30
IN
EN
GND
LED
ISET
OVP
SW
String 1
String 10
...
VIN vs. Efficiency
50
60
70
80
90
100
3 3.5
4 4.5
5 5.5
6 6.5
VIN (V)


Similar Part No. - MP3305

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3305DD MPS-MP3305DD Datasheet
177Kb / 4P
1.3A Fixed Frequency White LED Driver Evaluation Board
More results

Similar Description - MP3305

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3486 LINER-LT3486 Datasheet
839Kb / 20P
Dual 1.3A White LED Step-Up Converters with Wide Dimming
LT3486 LINER-LT3486_08 Datasheet
2Mb / 20P
Dual 1.3A White LED Step-Up Converters with Wide Dimming
logo
Monolithic Power System...
MP3304 MPS-MP3304 Datasheet
337Kb / 12P
36V, 1.3A, Step-up White LED Driver with High Frequency True PWM Dimming
MP3310 MPS-MP3310 Datasheet
359Kb / 10P
50V, 1.3A, Step-up White LED Driver with True PWM Dimming
logo
Linear Technology
LT3486 LINER-LT3486_15 Datasheet
2Mb / 20P
Dual 1.3A White LED Step-Up Converters with Wide Dimming
logo
Monolithic Power System...
MP3310N MPS-MP3310N Datasheet
349Kb / 10P
50V, 1.3A, Step-up White LED Driver with True PWM Dimming
logo
Maxic Technology Corpor...
MT7261 MAXIC-MT7261 Datasheet
167Kb / 1P
Boost White LED Driver With High Frequency PWM Dimming
logo
ETA SOLUTIONS CO. LIMIT...
ETA1165 ETA-ETA1165 Datasheet
195Kb / 1P
40V Step-Up Regulator for White LED Driver with PWM Dimming
ETA1168 ETA-ETA1168 Datasheet
219Kb / 1P
40V Step-Up Regulator for White LED Driver with PWM Dimming
logo
Shenzhen Huazhimei Semi...
HM5668 HMSEMI-HM5668 Datasheet
649Kb / 6P
40V Step-Up Regulator for White LED Driver with PWM Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com