Electronic Components Datasheet Search
  English  ▼

X  

MP4000 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP4000
Description  Offline High Brightness White LED Driver Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4000 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP4000 Datasheet HTML 1Page - Monolithic Power Systems MP4000 Datasheet HTML 2Page - Monolithic Power Systems MP4000 Datasheet HTML 3Page - Monolithic Power Systems MP4000 Datasheet HTML 4Page - Monolithic Power Systems MP4000 Datasheet HTML 5Page - Monolithic Power Systems MP4000 Datasheet HTML 6Page - Monolithic Power Systems MP4000 Datasheet HTML 7Page - Monolithic Power Systems MP4000 Datasheet HTML 8Page - Monolithic Power Systems MP4000 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MP4000 – OFFLINE HIGH BRIGHTNESS WLED DRIVER CONTROLLER
MP4000 Rev. 1.3
www.MonolithicPower.com
5
11/7/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
VCC =10V, VIN =90VAC to 265VAC, VOUT =10V to 40V, L=680μH, TA = +25°C, unless otherwise noted.
60
70
80
90
100
80
110 140 170 200 230 260
12LED
Efficiency vs.
String Voltage
Efficiency vs.
Input Voltage
INPUT VOLTAGE (VAC)
3LED
60
65
70
75
80
85
90
0
1020304050
LED STRING VOLTAGE (V)
110VAC
230VAC
IOUT=0.35A
IOUT=0.35A
Efficiency vs.
Input Line Voltage
50
60
70
80
90
100
90
120 150 180 210 240 270
ILED=0.7A
INPUT LINE VOLTAGE (V)
ILED Regulation vs.
Input Voltage
INPUT VOLTAGE (VAC)
-9
-6
-3
0
3
6
9
90
120 150 180 210 240 270
6LED
3LED
IOUT=0.35A
ILED Regulation vs.
Ambient Temp
ILED Regulation vs.
String Voltage
LED STRING VOLTAGE (V)
-9
-6
-3
0
3
6
9
0
10
20304050
110VAC
230VAC
-9
-6
-3
0
3
6
9
-30 -10 10
30
50
70
90 110
AMBIENT TEMPERATURE (”C)
120VAC
220VAC
Passive PFC
IOUT=350mA
LED STRING VOLTAGE (V)
0.5
0.6
0.7
0.8
0.9
1.0
0
1020304050
220VAC
120VAC
LED Current vs.
PWM Dimming Duty
(fpwm=100Hz)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
20
40
60
80
100 120
DIM DUTY ( %)
EN 55022 Voltage on Mains QP
EN 55022 Voltage on Mains AV
EMI
VIN =120VAC VOUT=27V
0
10
20
30
40
50
60
70
0.15
110
30
FREQUENCY (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com