Electronic Components Datasheet Search
  English  ▼

X  

MP4000 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP4000
Description  Offline High Brightness White LED Driver Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4000 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP4000 Datasheet HTML 1Page - Monolithic Power Systems MP4000 Datasheet HTML 2Page - Monolithic Power Systems MP4000 Datasheet HTML 3Page - Monolithic Power Systems MP4000 Datasheet HTML 4Page - Monolithic Power Systems MP4000 Datasheet HTML 5Page - Monolithic Power Systems MP4000 Datasheet HTML 6Page - Monolithic Power Systems MP4000 Datasheet HTML 7Page - Monolithic Power Systems MP4000 Datasheet HTML 8Page - Monolithic Power Systems MP4000 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MP4000
Offline High Brightness
White LED Driver Controller
MP4000 Rev. 1.3
www.MonolithicPower.com
1
11/7/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP4000 is a high efficiency step-down
converter designed for driving high brightness
Light Emitting Diodes (LEDs).
The MP4000 drives an external MOSFET in the
floating buck converter structure. The inductor
current is regulated with boundary conduction
mode which features no reverse recovery loss
in the freewheeling diode and soft turn on for
the power MOSFET. Such operation mode can
achieve very high efficiency and at the same
time minimize the inductor value and size. Also,
the LED current can be well regulated by
controlling the MOSFET peak current, which is
sensed through an external resistor. Its low
300mV feedback voltage reduces power loss
and improves efficiency.
The MP4000 can accept an external PWM or a
DC signal for the burst dimming control.
The MP4000 features output short protection,
maximum switching frequency limit, under-
voltage lockout and thermal shut down.
FEATURES
• Constant-current LED Driver
• Power MOSFET Zero-Current Turn On
• No Freewheeling Diode Reverse Recovery
Issues
• High Efficiency and Reliability in Boundary
Mode Operation
• Low 0.9mA Operation Current
• PWM or DC Input Burst Dimming Control
• Hiccup Short Circuit Protection
• UVLO, Thermal Shutdown
• Maximum Frequency is Limited to 110kHz
• Available in SOIC8 Package
APPLICATIONS
• DC/DC or AC/DC LED Driver applications
• General Illumination
• Industrial Lighting
• Automotive/ Decorative LED Lighting
For MPS green status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP4000
Rsense
AC input
LEDs
Cout
D
L
GND
CS
DRIVE
BOS
VCC
Cin
C1
MOSFET
DIM
DIM
S1
Vsupply
+
-
Vout
+
-
Vsw
Cbos
Z1
D
R1


Similar Part No. - MP4000

ManufacturerPart #DatasheetDescription
logo
RFE international
MP40005S RFE-MP40005S Datasheet
508Kb / 2P
BRIDGE RECTIFIERS 35 to 50 Amps
logo
Monolithic Power System...
MP4000DS MPS-MP4000DS Datasheet
381Kb / 6P
350mA Off-Line WLED Driver Evalvation Board For 90-140VAC Input
logo
CHENG-YI ELECTRONIC CO....
MP4000S CHENG-YI-MP4000S Datasheet
148Kb / 2P
40,50S IN-LINE BRIDGE RECTIFIER
More results

Similar Description - MP4000

ManufacturerPart #DatasheetDescription
logo
AUK corp
SW3318E-G AUK-SW3318E-G Datasheet
281Kb / 6P
High Brightness White LED Lamp
SW5315E-G AUK-SW5315E-G Datasheet
170Kb / 5P
High Brightness White LED Lamp
logo
Micrel Semiconductor
MIC2298 MICREL-MIC2298_11 Datasheet
428Kb / 13P
3.5A Minimum, 1MHz Boost High Brightness White LED Driver
logo
Texas Instruments
TPS61165-Q1 TI1-TPS61165-Q1 Datasheet
805Kb / 24P
High Brightness White LED Driver in SOT-23 Package
logo
Monolithic Power System...
MP4034 MPS-MP4034 Datasheet
873Kb / 19P
Offline LED Driver
MP4700 MPS-MP4700 Datasheet
628Kb / 19P
High-Brightness, BCM, Low Side Buck White LED Driver
logo
Diodes Incorporated
AP1694 DIODES-AP1694 Datasheet
367Kb / 9P
OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
Rev 2
AP1694A DIODES-AP1694A Datasheet
474Kb / 15P
OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
Rev 1
AP1694AS DIODES-AP1694AS Datasheet
487Kb / 14P
OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
Rev 1
logo
Monolithic Power System...
MP4001 MPS-MP4001 Datasheet
1Mb / 16P
Universal Input High Brightness White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com