Electronic Components Datasheet Search
  English  ▼

X  

MP4000 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP4000
Description  Offline High Brightness White LED Driver Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4000 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP4000 Datasheet HTML 4Page - Monolithic Power Systems MP4000 Datasheet HTML 5Page - Monolithic Power Systems MP4000 Datasheet HTML 6Page - Monolithic Power Systems MP4000 Datasheet HTML 7Page - Monolithic Power Systems MP4000 Datasheet HTML 8Page - Monolithic Power Systems MP4000 Datasheet HTML 9Page - Monolithic Power Systems MP4000 Datasheet HTML 10Page - Monolithic Power Systems MP4000 Datasheet HTML 11Page - Monolithic Power Systems MP4000 Datasheet HTML 12Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MP4000 – OFFLINE HIGH BRIGHTNESS WLED DRIVER CONTROLLER
MP4000 Rev. 1.3
www.MonolithicPower.com
8
11/7/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
OPERATION
LED Current Regulation and Zero-Current
Detection
With a floating buck converter configuration, as
shown in the typical application circuit, the
MP4000 turns off the MOSFET S1 with a peak
current control. The peak current is sensed with
a resistor Rsense and feeds back to CS pin. The
peak current is regulated as:
REF
L _ PEAK
sense
V
I
R
=
.
In normal operation, MP4000 turns on S1 when
the current in the freewheeling diode goes to
zero. As a result, the average LED current is
well regulated as
REF
LED
sense
V
I
2R
=
⋅
.
The zero-current detection is realized at DRIVE
pin by sensing the MOSFET drain dv/dt current
through the S1’s miller cap. When the
freewheeling diode current goes to zero, S1
drain voltage (VSW) drops from VSUPPLY to
(VSUPPLY -VOUT) and starts oscillation, which is
caused by the inductor and the parasitic caps.
When VSW reaches the minimum value, the
dv/dt current through the miller cap changes
from negative to zero. At this time, the MP4000
turns on S1. As a result, the MP4000 turns on
S1 when the inductor current goes to zero and
S1 drain voltage is at minimum. MP4000
controls the buck converter operating in current
boundary conduction mode.
A cap Cout can be used in parallel with the LED
string to reduce the current ripple.
Such boundary operation mode can minimize
the S1 turn-on loss and eliminate the
freewheeling diode reverse recovery loss so
that high switching frequency is possible to
reduce passive components’ size. Furthermore,
the required inductance value is small, which
can help further inductor size reduction.
Brightness Dimming Control
The MP4000 employs a burst dimming control
scheme so that an external PWM signal can
control the dimming by varying the duty cycle,
or a DC signal can control the dimming by
varying the DC voltage level.
For the PWM input dimming control, a 100Hz to
2kHz PWM signal is recommended to connect
to the DIM pin. BOS pin is connected to GND
through a 300K
Ω resistor, setting about 1.2V
reference for the PWM input logic signal. PWM
input high will make the IC switching. PWM
input low turns off the IC.
For the DC input dimming control, a voltage
from 0V to 2.4V is recommended to connect to
the DIM pin. 2.4V and above is for the 100%
brightness. 120mV and below is for the 5%
minimal brightness. A cap CBOS is connected
from BOS pin to GBD to program the burst
frequency fDIM.
BOS
BOS
BOSH
DIM
i
C
Vf
=
⋅
.
For applications that do not need burst dimming
control, open DIM pin and short BOS pin to
GND.
For some case that needs high dimming
resolution, where the dimming off time would be
smaller than the switching period, dimming ON
signal will force the MOSFET to turn on even
when the inductor current is not zero. If this
condition would happen in the application, ultra
fast recovery diode is recommended for the
freewheeling diode.
Frequency Setting and Inductor Design
In case the zero-current detection circuit fails,
which can happen in starting up with a large
output cap and in output short condition, a
maximum off time of about 1.7ms is applied to
make sure the device is still in operation and
the short current doesn’t run away.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com