Electronic Components Datasheet Search
  English  ▼

X  

MP4030 Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP4030
Description  TRIAC-Dimmable, Primary-Side-Control Offline LED Controller with Active PFC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4030 Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP4030 Datasheet HTML 13Page - Monolithic Power Systems MP4030 Datasheet HTML 14Page - Monolithic Power Systems MP4030 Datasheet HTML 15Page - Monolithic Power Systems MP4030 Datasheet HTML 16Page - Monolithic Power Systems MP4030 Datasheet HTML 17Page - Monolithic Power Systems MP4030 Datasheet HTML 18Page - Monolithic Power Systems MP4030 Datasheet HTML 19Page - Monolithic Power Systems MP4030 Datasheet HTML 20Page - Monolithic Power Systems MP4030 Datasheet HTML 21Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
MP4030—PRIMARY-SIDE-CONTROL, OFFLINE LED CONTROLLER WITH PFC
MP4030 Rev.1.02
www.MonolithicPower.com
18
4/16/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
pull
down
point
is
set
by
RC
and
RE:
CO
CE
V
R/R
0.7V
2

.
+
+
NS
DO
D
DZ
CO
C
R
RO
M
RG
RC
RE
T
DDS
Figure 16: Drain-Source OVP and OCP Circuit
MOSFET LIST
In the Table 1, there are some recommended
MOSFET for ripple suppressor.
Table 1: MOSFET LIST
Manufacture P/N
Manufacture
VDS/ID
Vth(VDS=VGS@TJ=25°C)
Power Stage
Si4446DY
Vishay
40V/3A
0.6-1.6V@ Id=250μA
<10W
FTD100N10A
IPS
100V/17A
1.0-2.0V@ Id=250μA
5-15W
P6015CDG
NIKO-SEM
150V/20A
0.45-1.20V@ Id=250μA
10-20W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com