Electronic Components Datasheet Search
  English  ▼

X  

MP4030 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP4030
Description  TRIAC-Dimmable, Primary-Side-Control Offline LED Controller with Active PFC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4030 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP4030 Datasheet HTML 1Page - Monolithic Power Systems MP4030 Datasheet HTML 2Page - Monolithic Power Systems MP4030 Datasheet HTML 3Page - Monolithic Power Systems MP4030 Datasheet HTML 4Page - Monolithic Power Systems MP4030 Datasheet HTML 5Page - Monolithic Power Systems MP4030 Datasheet HTML 6Page - Monolithic Power Systems MP4030 Datasheet HTML 7Page - Monolithic Power Systems MP4030 Datasheet HTML 8Page - Monolithic Power Systems MP4030 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
MP4030—PRIMARY-SIDE-CONTROL, OFFLINE LED CONTROLLER WITH PFC
MP4030 Rev.1.02
www.MonolithicPower.com
3
4/16/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP4030GS
SOIC8
MP4030
* For Tape & Reel, add suffix –Z (e.g. MP4030GS–Z);
PACKAGE REFERENCE
TOP VIEW
COMP
VCC
1
2
3
4
5
6
7
8
DP
MULT
ZCD
S
GND
D
SOIC8
ABSOLUTE MAXIMUM RATINGS
(1)
VCC Pin Voltage...........................-0.3V to +30V
Low-Side MOSFET Drain Voltage -0.7V to +30V
ZCD Pin Voltage ................................-8V to +7V
Other Analog Inputs and Outputs .....-0.3V to 7V
ZCD Pin Current ..........................-5mA to +5mA
Continuous Power Dissipation
(TA = +25°C)
(2)
SOIC8 ........................................................ 1.3W
Junction Temperature...............................150°C
Lead Temperature ....................................260°C
Storage Temperature............... -65°C to +150°C
Recommended Operating Conditions
(3)
VCC Pin Voltage...............................11V to 27V
Operating Junction Temp (TJ).. -40C to +125C
Thermal Resistance
(4)
θJA
θJC
SOIC8 ....................................96 ...... 45 ... °C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/ θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) The device is not guaranteed to function outside of its
operation conditions.
4) Measured on JESD51-7 4-layer board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com