Electronic Components Datasheet Search
  English  ▼

X  

MP4030 Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP4030
Description  TRIAC-Dimmable, Primary-Side-Control Offline LED Controller with Active PFC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4030 Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP4030 Datasheet HTML 13Page - Monolithic Power Systems MP4030 Datasheet HTML 14Page - Monolithic Power Systems MP4030 Datasheet HTML 15Page - Monolithic Power Systems MP4030 Datasheet HTML 16Page - Monolithic Power Systems MP4030 Datasheet HTML 17Page - Monolithic Power Systems MP4030 Datasheet HTML 18Page - Monolithic Power Systems MP4030 Datasheet HTML 19Page - Monolithic Power Systems MP4030 Datasheet HTML 20Page - Monolithic Power Systems MP4030 Datasheet HTML 21Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
MP4030—PRIMARY-SIDE-CONTROL, OFFLINE LED CONTROLLER WITH PFC
MP4030 Rev.1.02
www.MonolithicPower.com
20
4/16/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
1
2
3
4
5
6
7
8
R1
1k/1206
L2
4.7mH
0.24A
V
IN
108-132VAC/60Hz
F1
SS-5-2A
2A/250VAC
R5
1k/1206
L1
4.7mH
0.24A
RV1
TVR10241KS
240V/2500A
CX1
22nF/275VAC
BD1
MB6S
600V/0.5A
L3 4.7mH/0.24A
R18 5.1k/1206
R7
1M/1/4W
R3
20k/1%
R6
180k/1%
C2
33nF
50V
C3
100nF/400V
R9
510/1W
D3
BAV21W
200V/0.2A
D5
TLZ16B-GS08
16V/10mA
D6
75V/0.15A
1N4148WS
C5
5.6nF/50V
R10
15k/1%
D10
BAV21W
200V/0.2A
PGND
PGND
AGND
PGND
PGND
PGND
AGND
AGND
C9
10nF/50V
MULT
ZCD
VCC
DP
S
D
GND
COMP
R17 NC
MP4030
U1
R14
1.8/1%/1206
R16
1.8/1%/1206
C1
47pF/50V
R8
30k/1%
R4
120k/1%
D8
75V/0.15A
1N4148WS
D4
75V/0.15A
1N4148WS
R21
NC
R22
2k/1%
AGND
AGND
D7
BZT52C15
15V/5mA
C11
NC
Q3
MMBT3906LT1
-40V/-0.2A
Q2
SSN1N45BTA
450V/0.2A
D2
1N4148WS/75V/0.15A R2 15/1%
D9
1N4007
1kV/1A
R11
2M/1/4W
C7
100nF
50V
R15
1M/1/4W
Q1
STK730F
400V/5.5A
L4
60@100MHz/0805
147Ts
R13
150k/1206
C10
22nF/630V/1206
Output: 50V/220mA
LED-
LED+
65Ts
D1
WUGP20G
400V/2A
R9
100
R20
1k/1206
R12
51/1206
Figure 19: 108-132VAC Input, TRIAC dimmable, Non-isolated Buck-Boost Converter, Drive 16 LEDs
in series, 200mA LED Current for LED Lighting, EVB Model: EV4030-S-00C
MULT
1
ZCD
2
VCC
3
DP
4
S 5
D 6
GND 7
COMP 8
MP4030
U1
1
2
22nF/275V
CX1
DF06S
2
1
DB1
2
1
1mH/0.42A
L1
BAV21W
1
2
D7
L
N
GND
GND
GND
1
2
2.2nF/250V
CY1
22nF/630V
C2
WSGC10MH
D3
1M/1%/0.25W
R10
2.2nF/50V
C9
5.1k
R1
330/2W
R12
10
R5
1M/1%/0.25W
R3
220nF/400V
C3
33nF/50V
C4
1N4148WS
1
2
D1
SSN1N45BTA
1
Q1
MMBT3906LT1
1
Q3
BZT52C15
D4
GND
GND
4.12k/1%
R17
50m/1%/1206
R18
1.5/1%/1206
R20
GND
357/1206
R19
25.5k/1%
R15
GND
470k/1W
R6
1N4148WS
1
2
D5
BZT52C16
D6
GND
CEF04N7G
1
Q2
185-265VAC
145Ts
29Ts
19Ts
Lp=2.15mH
TVR10431
RV1
GND
3
1
4
6
11
7
EF20
T1
450V/0.5A
100nF/630V
C1
200V/0.2A
700V/4A
1kV/1A
47uF/50V
C10
1N4148WS
1
2
D8
10k/0.25W
R21
5.9k/1%
R16
1N4148WS
D9
600V/1.5A
51/1206
R11
499k/1206
R2
2
1
470pF/1kV/1206
C11
2.2uF/10V
C8
1.8mH/0.35A
L2
1.8mH/0.35A
L3
68K/1%
R8
510/2W
R7
510/2W
R4
1uF/25V
C7
200/1206
R22
10k/1%
R23
30k/1%
1206
R9
Output:
LED+
LED-
30V/530mA
BZT52C2V4S
D11
2.4V/5mA
50k/1%
1206
R24
22uF/50V
C12
1N4148WS
D10
75V/0.15A
FTD100N10A
2
3
Q4
100V/17A
MBRS3200T3G
1
2
D2
330uF/50V
C5
330uF/50V
C6
2k/1%
R25
BZT52C4V7
1
2
D12
4.7V/5mA
MMBT3904LT1
2
3
Q5
27k/1%
R26
3k/1%
R27
1N5375B/82V
1
2
D13
Figure 20: 198-265VAC Input, TRIAC dimmable, Isolated Flyback Converter, Drive 10 LEDs in Series,
530mA LED Current for LED Lighting, output with ripple suppressor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com