Electronic Components Datasheet Search
  English  ▼

X  

ACPL-331J Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-331J
Description  1.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-331J Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-331J Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image

Table 5. Electrical Specifications (DC)
Unless otherwise noted, all typical values at TA = 25°C, VCC2 - VEE = 30 V, VE - VEE = 0 V;
all Minimum/Maximum specifications are at Recommended Operating Conditions.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
FAULT Logic Low
Output Voltage
VFAULTL
0.1
V
IFAULT = 1.1 mA, VCC1 = 5.5V
0.1
V
IFAULT = 1.1 mA, VCC1 = 3.3V
FAULT Logic High
Output Current
IFAULTH
0.003
µA
VFAULT = 5.5 V, VCC1 = 5.5V
0.003
µA
VFAULT = 3.3 V, VCC1 = 3.3V
High Level
Output Current
IOH
-0.3
-0.75
A
VO = VCC2 – 4
4, 18
5
-1.0
A
VO = VCC2 – 15
3
Low Level
Output Current
IOL
0.3
0.75
A
VO = VEE + 2.5
5, 19
5
1.0
A
VO = VEE + 15
3
Low Level Output Current
During Fault Condition
IOLF
90
140
230
mA
VOUT - VEE = 14 V
6
High Level
Output Voltage
VOH
VCC-3.5 VCC-2.5
V
IO = 100 mA
2, 4,
20
7, 8,9
VCC-2.9 VCC-2.0
V
IO = -650 µA
23
Low Level
Output Voltage
VOL
0.17
0.5
V
IO = 100 mA
3, 5,
21
Clamp Pin Threshold
Voltage
VtClamp
2.0
V
Clamp Low Level
Sinking Current
ICL
0.21
0.7
A
VO = VEE + 2.5
High Level Supply Current
ICC2H
2.5
5
mA
IO = 0 mA
6, 7,
23
9
Low Level Supply Current
ICC2L
2.5
5
mA
IO = 0 mA
Blanking Capacitor
Charging Current
ICHG
0.13
-0.24
-0.33
mA
VDESAT = 2 V
8, 24
9, 10
Blanking Capacitor
Discharge Current
IDSCHG
10
30
mA
VDESAT = 7.0 V
25
DESAT Threshold
VDESAT
6
6.5
7.5
V
VCC2 -VE >VUVLO-
9, 27
9
UVLO Threshold
VUVLO+
10.5
11.6
12.5
V
VO > 5 V
7, 9, 11
VUVLO-
9.2
10.3
11.1
V
VO < 5 V
7, 9, 12
UVLO Hysteresis
(VUVLO+
- VUVLO-)
0.4
1.3
V
Threshold Input Current
Low to High
IFLH
2.0
8
mA
IO = 0 mA, VO > 5 V
Threshold Input Voltage
High to Low
VFHL
0.8
V
Input Forward Voltage
VF
1.2
1.6
1.95
V
IF = 10 mA
Temperature Coefficient
of Input Forward Voltage
DVF/DTA
-1.3
mV/°C
Input Reverse Breakdown
Voltage
BVR
5
V
IR = 10 µA
Input Capacitance
CIN
70
pF
f = 1 MHz, VF = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com