Electronic Components Datasheet Search
  English  ▼

X  

ACPL-331J Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-331J
Description  1.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-331J Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-331J Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image

Table 2. Insulation and Safety Related Specifications
Parameter
Symbol
ACPL-331J
Units
Conditions
Minimum External Air
Gap (Clearance)
L(101)
8.3
Mm
Measured from input terminals to output terminals,
shortest distance through air.
Minimum External
Tracking (Creepage)
L(102)
8.3
Mm
Measured from input terminals to output terminals,
shortest distance path along body.
Minimum Internal
Plastic Gap (Internal
Clearance)
0.5
Mm
Through insulation distance conductor to conductor,
usually the straight line distance thickness between the
emitter and detector.
Tracking Resistance
(Comparative Tracking
Index)
CTI
>175
V
DIN IEC 112/VDE 0303 Part 1
Isolation Group
IIIa
Material Group (DIN VDE 0110, 1/89, Table 1)
Table 3. Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Note
Storage Temperature
TS
-55
125
°C
Operating Temperature
TA
-40
100
°C
2
Output IC Junction Temperature
TJ
125
°C
2
Average Input Current
IF(AVG)
25
mA
1
Peak Transient Input Current
(<1 µs pulse width, 300pps)
IF(TRAN)
1.0
A
Reverse Input Voltage
VR
5
V
“High” Peak Output Current
IOH(PEAK)
1.5
A
3
“Low” Peak Output Current
IOL(PEAK)
1.5
A
3
Positive Input Supply Voltage
VCC1
-0.5
5.5
V
FAULT Output Current
IFAULT
8.0
mA
FAULT Pin Voltage
VFAULT
-0.5
VCC1
V
Total Output Supply Voltage
(VCC2 - VEE)
-0.5
33
V
Negative Output Supply Voltage
(VE - VEE)
-0.5
15
V
6
Positive Output Supply Voltage
(VCC2 - VE)
-0.5
33 - (VE - VEE)
V
Gate Drive Output Voltage
VO(PEAK)
-0.5
VCC2
V
Peak Clamping Sinking Current
IClamp
1.0
A
Miller Clamping Pin Voltage
VClamp
-0.5
VCC2
V
DESAT Voltage
VDESAT
VE
VE + 10
V
Output IC Power Dissipation
PO
600
mW
2
Input IC Power Dissipation
PI
150
mW
2
Solder Reflow Temperature Profile
See Package Outline Drawings section
Table 4. Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Note
Operating Temperature
TA
- 40
100
°C
2
Total Output Supply Voltage
(VCC2 - VEE)
15
30
V
7
Negative Output Supply Voltage
(VE - VEE)
0
15
V
4
Positive Output Supply Voltage
(VCC2 - VE)
15
30 - (VE - VEE)
V
Input Current (ON)
IF(ON)
8
12
mA
Input Voltage (OFF)
VF(OFF)
- 3.6
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com