Electronic Components Datasheet Search
  English  ▼

X  

ACPL-331J Datasheet(PDF) 20 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACPL-331J
Description  1.5 Amp Output Current IGBT Gate Driver Optocoupler with Integrated (VCE) Desaturation Detection
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACPL-331J Datasheet(HTML) 20 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACPL-331J Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 16Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 17Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 18Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 19Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 20Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 21Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 22Page - AVAGO TECHNOLOGIES LIMITED ACPL-331J Datasheet HTML 23Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
0
Output Control
The outputs (VOUT and FAULT) of the ACPL-331J are con-
trolled by the combination of IF, UVLO and a detected
IGBT Desat condition. Once UVLO is not active (VCC2 - VE >
VUVLO), VOUT is allowed to go high, and the DESAT (pin 14)
detection feature of the ACPL-331J will be the primary
source of IGBT protection. UVLO is needed to ensure
DESAT is functional. Once VUVLO+ > 10.5V, DESAT will
remain functional until VUVLO- < 11.1V. Thus, the DESAT
detection and UVLO features of the ACPL-331J work in
conjunction to ensure constant IGBT protection.
Desaturation Detection and High Current Protection
The ACPL-331J satisfies these criteria by combining a
high speed, high output current driver, high voltage
optical isolation between the input and output, local IGBT
desaturation detection and shut down, and an optically
isolated fault status feedback signal into a single 16-pin
surface mount package.
The fault detection method, which is adopted in the
ACPL-331J is to monitor the saturation (collector)
voltage of the IGBT and to trigger a local fault shutdown
sequence if the collector voltage exceeds a predeter-
mined threshold. A small gate discharge device slowly
reduces the high short circuit IGBT current to prevent
damaging voltage spikes. Before the dissipated energy
can reach destructive levels, the IGBT is shut off. During
the off state of the IGBT, the fault detect circuitry is simply
disabled to prevent false ‘fault’ signals.
The alternative protection scheme of measuring IGBT
current to prevent desaturation is effective if the short
circuit capability of the power device is known, but
this method will fail if the gate drive voltage decreases
enough to only partially turn on the IGBT. By directly
measuring the collector voltage, the ACPL-331J limits
the power dissipation in the IGBT even with insufficient
gate drive voltage. Another more subtle advantage of the
desaturation detection method is that power dissipation
in the IGBT is monitored, while the current sense method
relies on a preset current threshold to predict the safe
limit of operation. Therefore, an overly conservative over
current threshold is not needed to protect the IGBT.
IF
UVLO (VCC2 – VE)
Desat Condition Detected on Pin 14
Pin 3 (FAULT) Output
VOUT
X
Active
X
X
Low
X
X
Yes
Low
Low
OFF
X
X
X
Low
ON
Not Active
No
High
High
Slow IGBT Gate Discharge during Fault Condition
When a desaturation fault is detected, a weak pull-down
device in the ACPL-331J output drive stage will turn on
to ‘softly’ turn off the IGBT. This device slowly discharges
the IGBT gate to prevent fast changes in drain current
that could cause damaging voltage spikes due to lead
and wire inductance. During the slow turn off, the large
output pull-down device remains off until the output
voltage falls below VEE + 2 Volts, at which time the large
pull down device clamps the IGBT gate to VEE.
DESAT Fault Detection Blanking Time
The DESAT fault detection circuitry must remain disabled
for a short time period following the turn-on of the IGBT
to allow the collector voltage to fall below the DESAT
threshold. This time period, called the DESAT blanking
time is controlled by the internal DESAT charge current,
the DESAT voltage threshold, and the external DESAT
capacitor.
The nominal blanking time is calculated in terms of
external capacitance (CBLANK), FAULT threshold voltage
(VDESAT), and DESAT charge current (ICHG) as tBLANK =
CBLANK x VDESAT / ICHG. The nominal blanking time with
the recommended 100pF capacitor is 100pF * 6.5 V / 240
µA = 2.7 µsec.
The capacitance value can be scaled slightly to adjust the
blanking time, though a value smaller than 100 pF is not
recommended. This nominal blanking time represents
the longest time it will take for the ACPL-331J to respond
to a DESAT fault condition. If the IGBT is turned on while
the collector and emitter are shorted to the supply rails
(switching into a short), the soft shut-down sequence
will begin after approximately 3 µsec. If the IGBT collector
and emitter are shorted to the supply rails after the IGBT
is already on, the response time will be much quicker due
to the parasitic parallel capacitance of the DESAT diode.
The recommended 100pF capacitor should provide
adequate blanking as well as fault response times for
most applications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com