Electronic Components Datasheet Search
  English  ▼

X  

MP4568 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP4568
Description  60V, 100mA Synchronous Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4568 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP4568 Datasheet HTML 6Page - Monolithic Power Systems MP4568 Datasheet HTML 7Page - Monolithic Power Systems MP4568 Datasheet HTML 8Page - Monolithic Power Systems MP4568 Datasheet HTML 9Page - Monolithic Power Systems MP4568 Datasheet HTML 10Page - Monolithic Power Systems MP4568 Datasheet HTML 11Page - Monolithic Power Systems MP4568 Datasheet HTML 12Page - Monolithic Power Systems MP4568 Datasheet HTML 13Page - Monolithic Power Systems MP4568 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
MP4568
―60V, 100mA, SYNCHRONOUS STEP-DOWN CONVERTER
MP4568 Rev. 1.01
www.MonolithicPower.com
10
8/18/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
OPERATION
The MP4568 is a 60V, 100mA, synchronous,
step-down switching regulator with integrated
high-side
and
low-side
high-voltage
power
MOSFETs (HS_FET and LS_FET, respectively).
It provides a highly-efficient, 100mA output. It
features
a
wide
input
voltage
range,
internal/external soft-start control, and precision
current limit. Its very low operational quiescent
current makes it suitable for battery-powered
applications.
PWM Control
The ILIM comparator, FB comparator and zero
current detector (ZCD) block control the PWM. If
VFB is below the 1V reference and the inductor
current drops to zero, HS-FET turns on and the
ILIM comparator starts to sense the HS-FET
current: When the HS-FET current reaches the
limit set by the ILIM pin, or FB reaches the OVP
threshold, the HS-FET turns off and LS-FET
turns on together with the ZCD block. Meanwhile,
the ILIM comparator is turned off to reduce the
quiescent current. The LS-FET turns off together
with ZCD block after the inductor current drops to
zero. If VFB is less than the 1V reference at this
time,
the
HS-FET
turns
on
at
once
and
commences another cycle. If VFB is still higher
than 1V reference, HS-FET would not turn on till
VFB drops below 1V.
VSW
VFB
IL
Ipeak
Io
VREF
Io increase
Figure 2
– PWM Control
Internal Regulator and BIAS
The 2.6V internal regulator powers most of the
internal circuitry. This regulator takes VIN and
operates in the full VIN range. When VIN is greater
than 3.0V, the output of the regulator is in full
regulation. Lower values of VIN result in lower
output voltages.
When VBIAS>2.9V, the BIAS supply overrides the
input voltage and supplies power to the 2.6V
internal regulator. When VBIAS>4.5V, it can power
LS driver furthermore. Using BIAS to power
internal regulator can improve the efficiency. It is
recommended to connect BIAS to the regulated
output voltage when it is in the range of 2.9V to
5.5V. When output voltage is out of above range,
an external supply that is >2.9V or even better
>4.5V is needed to power BIAS.
Enable Control
The MP4568 has a dedicated enable-control pin,
EN: when VIN goes high, the EN pin enables and
disables the chip. This is HIGH effective logic. Its
trailing threshold is 1.2V typically and its rising
threshold is about 400mV higher. When floating,
EN pin is internally pulled down to GND through
a 2M resistor to disable the chip.
When EN = 0V, the chip goes into the lowest
shutdown-current mode. When EN is higher than
zero but lower than its rising threshold, the chip
remains in a shutdown mode but with a slightly
larger shutdown current.
Internally a zener diode is connected from EN pin
to GND pin. The typical clamping voltage of the
zener diode is 7.5V. So VIN can be connected to
EN through a high ohm resistor if the system
doesn't have another logic input acting as enable
signal. The resistor needs to be designed to limit
the EN pin sink current less than 100μA. Just
note that there is an internal 2M resistor from EN
to GND, so the external pull up resistor should be
smaller than
1.6V
2M
1.6V]
-
[V
(MIN)
IN
to make sure the
part can EN on at the lowest operation VIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com