Electronic Components Datasheet Search
  English  ▼

X  

MP4568 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP4568
Description  60V, 100mA Synchronous Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4568 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP4568 Datasheet HTML 8Page - Monolithic Power Systems MP4568 Datasheet HTML 9Page - Monolithic Power Systems MP4568 Datasheet HTML 10Page - Monolithic Power Systems MP4568 Datasheet HTML 11Page - Monolithic Power Systems MP4568 Datasheet HTML 12Page - Monolithic Power Systems MP4568 Datasheet HTML 13Page - Monolithic Power Systems MP4568 Datasheet HTML 14Page - Monolithic Power Systems MP4568 Datasheet HTML 15Page - Monolithic Power Systems MP4568 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
MP4568
―60V, 100mA, SYNCHRONOUS STEP-DOWN CONVERTER
MP4568 Rev. 1.01
www.MonolithicPower.com
15
8/18/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
VIN
EN
C1
SW
2
EN
9
ENHY
8
ILIM
6
IN
10
FB
5
BIAS
4
MP4568
SS
7
U1
R3
C2
L1
C3
VOUT
3.3V/100mA
2M
10uF
22uF
100uH
0.1uF
R1
523k
R2
1.2M
R4
100k
C4
10nF
C5
39pF
Figure 9
– 3.3V/100mA Output Typical Application Circuit
VIN
EN
C1
SW
2
EN
9
ENHY
8
ILIM
6
IN
10
FB
5
BIAS
4
MP4568
SS
7
U1
R3
C2
L1
C3
VOUT
3.3V/50mA
2M
10uF
22uF
220uH
0.1uF
R1
523k
R2
1.2M
R4
200k
C4
10nF
C5
39pF
Figure 10
– 3.3V/50mA Output Typical Application Circuit
VIN
EN
C1
SW
2
EN
9
ENHY
8
ILIM
6
IN
10
FB
5
BIAS
4
MP4568
SS
7
U1
R3
C2
L1
C3
VOUT
5V/100mA
2M
10uF
22uF
100uH
0.1uF
R1
300k
R2
1.2M
R4
100k
C4
10nF
C5
39pF
Figure 11
– 5V/100mA Output Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com