Electronic Components Datasheet Search
  English  ▼

X  

MP4568 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP4568
Description  60V, 100mA Synchronous Step-Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4568 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP4568 Datasheet HTML 8Page - Monolithic Power Systems MP4568 Datasheet HTML 9Page - Monolithic Power Systems MP4568 Datasheet HTML 10Page - Monolithic Power Systems MP4568 Datasheet HTML 11Page - Monolithic Power Systems MP4568 Datasheet HTML 12Page - Monolithic Power Systems MP4568 Datasheet HTML 13Page - Monolithic Power Systems MP4568 Datasheet HTML 14Page - Monolithic Power Systems MP4568 Datasheet HTML 15Page - Monolithic Power Systems MP4568 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
MP4568
―60V, 100mA, SYNCHRONOUS STEP-DOWN CONVERTER
MP4568 Rev. 1.01
www.MonolithicPower.com
14
8/18/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Soft Start Capacitor
There is an internal 1ms soft start when float SS
pin and this is the shortest soft start time. To get
longer soft start, it needs to add capacitor
between SS pin and GND. The soft start time is
the duration when SS is charged from 0 to FB
reference voltage 1V by an internal 3
μA current
source. So the capacitor at SS pin can be chosen
according to below formula:
SS
SS
C3
Τ ( F)
 
To get the soft start time longer than 1ms, a
capacitor bigger than 3nF is needed. When using
a capacitor smaller than 3nF, the soft start time is
the internal 1ms soft start.
Feedforward Capacitor
As described above that the PWM control
scheme of MP4568 is very special and the HS
turn on when FB drops lower than reference
voltage.
This
brings
good
load
transient
performance. However, this also makes the HS
turn on moment is very sensitive to the FB
voltage. Once there is noise on FB, the moment
HS turns on is easy to be affected, and then Fsw
jitter would occur. The Fsw jitter is easy to
happen especially when Vo ripple is very small.
To improve the jitter performance, a small
feedforward capacitor between Vo and FB can
be used and typical 39pF is recommended.
PCB Layout
1) Keep the path of switching current short and
minimize the loop area formed by input
capacitor, high-side, low-side MOSFET and
output capacitor.
2) Bypass ceramic capacitors should be as
close as possible to the VIN pin.
3) Make sure that all feedback connections are
short and direct. Place the feedback resistors
as close to the chip as possible.
4) Keep SW away from sensitive analog areas
such as FB.
5) For better thermal performance and long-term
reliability consideration, VIN, SW and GND
should be connected to a large copper area
respectively to cool the chip.
C2
R3
GND
OUT
IN
R1
R2
C3
C1
R1
Figure 7
– PCB Layout Example
Design Example
Below
is
a
design
example
following
the
application guidelines for the specifications:
Table 2
— Design Example
VIN
4.5V
– 45V
VOUT
3.3V
Io
100mA
The detailed application schematic is shown in
Figure 8. The typical performance and circuit
waveforms have been shown in the Typical
Performance Characteristics section. For more
device applications, please refer to the related
Evaluation Board Datasheets.
VIN
EN
C1
SW
2
EN
9
ENHY
8
ILIM
6
IN
10
FB
5
BIAS
4
MP4568
SS
7
U1
R3
C2
L1
C3
VOUT
3.3V/100mA
2M
10uF
22uF
100uH
0.1uF
R1
523k
R2
1.2M
R4
100k
C4
10nF
C5
39pF
Figure 8
— Detailed Application Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com