Electronic Components Datasheet Search
  English  ▼

X  

MP4653 Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP4653
Description  Real LIPS CC/CV Mode LLC TV LED Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4653 Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP4653 Datasheet HTML 14Page - Monolithic Power Systems MP4653 Datasheet HTML 15Page - Monolithic Power Systems MP4653 Datasheet HTML 16Page - Monolithic Power Systems MP4653 Datasheet HTML 17Page - Monolithic Power Systems MP4653 Datasheet HTML 18Page - Monolithic Power Systems MP4653 Datasheet HTML 19Page - Monolithic Power Systems MP4653 Datasheet HTML 20Page - Monolithic Power Systems MP4653 Datasheet HTML 21Page - Monolithic Power Systems MP4653 Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
MP4653—REAL LIPS CC/CV MODE LLC TV LED DRIVER
MP4653 Rev 1.01
www.MonolithicPower.com
18
6/28/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
turn off the dimming MOSFET and also to
disconnect the LED driver stage from the power
stage. The current loop compensation node
ICOMP is disconnected from the internal
amplifier and holds its value until the fault
condition on the LED driver stage disappears. A
2μA current source charges the ICOMP pin
capacitor till ICOMP voltage hits 3V, and then a
2μA current source discharges ICOMP pin until
0.45V and then the LED driver stage recovers.
The gate driving signals for the MOSFETs in the
power stage are continuous and the DC bus
voltage is regulated at the fault condition of LED
driver stage. Therefore, the system power
supplies are not influenced by the fault protection
of the LED driver stage.
Thermal protection is integrated in MP4653.
400V
5V STBY
VIN
Vbus
12V/5V
PWM,EN
LED current
Figure 2—Real LIPS Power System and Start Up Sequence



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com