Electronic Components Datasheet Search
  English  ▼

X  

MP4653 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP4653
Description  Real LIPS CC/CV Mode LLC TV LED Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4653 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP4653 Datasheet HTML 1Page - Monolithic Power Systems MP4653 Datasheet HTML 2Page - Monolithic Power Systems MP4653 Datasheet HTML 3Page - Monolithic Power Systems MP4653 Datasheet HTML 4Page - Monolithic Power Systems MP4653 Datasheet HTML 5Page - Monolithic Power Systems MP4653 Datasheet HTML 6Page - Monolithic Power Systems MP4653 Datasheet HTML 7Page - Monolithic Power Systems MP4653 Datasheet HTML 8Page - Monolithic Power Systems MP4653 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
MP4653—REAL LIPS CC/CV MODE LLC TV LED DRIVER
MP4653 Rev 1.01
www.MonolithicPower.com
5
6/28/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
(continued)
VIN = 12V, TA = +25C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max
Units
LED short threshold for slow
action
VIFBSC
270
300
330
mV
Delay time for slow action
Tdelay_IFB
300mV<VIFB<600mV
100
200
350
μs
Internal Current Loop Compensation Transconductance Opamp (ICOMP)
Gain Bandwidth product
GB_I
75pF on ICOMP
1.0
[6]
MHz
Open Loop DC Gain
AV_I
ICOMP open
60
[6]
dB
Input Common-mode range
VCM_I
-0.3
[6]
4
[6]
V
Transconductance
Gm_I
830
μA/V
Saturated output current
Isat_I
35
50
65
μA
Low level clamp voltage
VICOMP_L
Normal operation
0.95
1
1.05
V
High level clamp votlage
VICOMP_H
Normal operation
2.15
2.2
2.25
V
DC Bus Voltage Feedback (VFB)
Sampling Delay Time
Tdealy_sample
PWM falling edge
100
[6]
ns
Minimum clamp voltage
Vmin_clamp_VFB
1.1
1.2
1.3
V
Maximum clamp voltage
Vmax_clamp_VFB
1.9
2
2.1
V
Internal Voltage Loop Compensation Transconductance Opamp (VCOMP)
Gain Bandwidth product
GB_V
75pF on VCOMP
1.0
[6]
MHz
Open Loop DC Gain
AV_V
VCOMP open
60
[6]
dB
Low level clamp voltage
VVCOMP_L
Normal operation
0.95
1
1.05
V
High level clamp votlage
VVCOMP_H
Normal operation
2.15
2.2
2.25
V
Transconductance
Gm_V
160
μA/V
Saturated output current
Isat_V
35
50
65
μA
Over LED Voltage Protection (VLED1~VLED4)
Over LED Voltage Protection
Threshold
VTH(OVP_LED)
2.25
2.40
2.55
V
Over LED voltage delay time
Tdelay_VLED
1.7
2.3
2.9
μs
Gain of differential voltage
14.7
16.3
17.9
Internal resistance
RVLED
19
23
27
kΩ
Hiccup mode fault delay timer(ICOMP, VCOMP)
ICOMP Valley Threshold
Vth_low(ICOMP)
0.35
0.45
0.55
V
ICOMP Peak Threshold
Vth_peak(ICOMP)
2.7
3
3.3
V
ICOMP charging current at hiccup
mode
Icharge_fault(ICOMP)
1.6
2
2.4
µA
ICOMP discharging current at
hiccup mode
Idischarge_fault(ICOM
P)
1.6
2
2.4
µA
VCOMP Valley Threshold
Vth_low(VCOMP)
0.35
0.45
0.55
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com