Electronic Components Datasheet Search
  English  ▼

X  

MP4653 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP4653
Description  Real LIPS CC/CV Mode LLC TV LED Driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4653 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP4653 Datasheet HTML 1Page - Monolithic Power Systems MP4653 Datasheet HTML 2Page - Monolithic Power Systems MP4653 Datasheet HTML 3Page - Monolithic Power Systems MP4653 Datasheet HTML 4Page - Monolithic Power Systems MP4653 Datasheet HTML 5Page - Monolithic Power Systems MP4653 Datasheet HTML 6Page - Monolithic Power Systems MP4653 Datasheet HTML 7Page - Monolithic Power Systems MP4653 Datasheet HTML 8Page - Monolithic Power Systems MP4653 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
MP4653—REAL LIPS CC/CV MODE LLC TV LED DRIVER
MP4653 Rev 1.01
www.MonolithicPower.com
3
6/28/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
MP4653GY
SOIC20
MP4653
* For Tape & Reel, add suffix –Z (eg. MP4653GY–Z);
PACKAGE REFERENCE
IFB
VCC
SS
FSET
GND
GL
PWMOUT
VIN
GR
SSD
PWMIN
ICOMP
4
5
6
7
8
9
10
13
14
15
16
11
12
VLED1
VLED2
VLED4
VLED3
17
18
19
20
VFB
VCOMP
2
3
VOCP
1
A- Dim
MP4653
ABSOLUTE MAXIMUM RATINGS
(1)
Supply Voltage Vin.........................-0.3V to +38V
GL,GR,VCC, PWMOUT ....................... -0.5V to 10.7V
SSD, VOCP ...................................-6.5V to + 4V
Other pins .......................................-0.5V to +7V
Junction Temperature...............................150
C
Continuous Power Dissipation (TA = +25°C)
(2)
............................................................ 1.7 W
Storage Temperature............... -65
C to +150C
Operating frequency .............................. 300kHz
Recommended Operating Conditions
(3)
Supply Voltage Vin.........................-0.3V to +30V
operating frequency ................ 20kHz to 250kHz
Operating Junction Temp ....... -40
C to +125C
Thermal Resistance
(4)
θJA
θJC
SOIC20 .................................. 72 ...... 30...
C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com