Electronic Components Datasheet Search
  English  ▼

X  

MP5010ADQ Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP5010ADQ
Description  3V-18V, 1A-5A Programmable-Current- Limit Switch with Over-Voltage Clamp
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5010ADQ Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP5010ADQ Datasheet HTML 3Page - Monolithic Power Systems MP5010ADQ Datasheet HTML 4Page - Monolithic Power Systems MP5010ADQ Datasheet HTML 5Page - Monolithic Power Systems MP5010ADQ Datasheet HTML 6Page - Monolithic Power Systems MP5010ADQ Datasheet HTML 7Page - Monolithic Power Systems MP5010ADQ Datasheet HTML 8Page - Monolithic Power Systems MP5010ADQ Datasheet HTML 9Page - Monolithic Power Systems MP5010ADQ Datasheet HTML 10Page - Monolithic Power Systems MP5010ADQ Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
MP5010A – 3V-18V, 1A-5A PROGRAMMABLE CURRENT LIMIT SWITCH
MP5010A Rev. 1.0
www.MonolithicPower.com
7
2/7/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 5V, VEN=5V, RLIMIT=22 , COUT=10µF, Cdv/dt =1nF, TA=25°C, unless otherwise noted.
VOU T
2V/di
v.
VIN
5V/di
v.
IOU T
1A/di
v.
EN
5V/di
v.
VOU T
2V/di
v.
VIN
5V/di
v.
IOU T
1A/di
v.
EN
5V/di
v.
VOU T
2V/di
v.
VIN
5V/di
v.
IOU T
1A/di
v.
EN
5V/di
v.
VOU T
2V/di
v.
VIN
5V/di
v.
IOU T
1A/di
v.
EN
5V/di
v.
VOU T
2V/di
v.
VIN
5V/di
v.
IOU T
2A/di
v.
EN
5V/di
v.
VOU T
2V/di
v.
VIN
5V/di
v.
IOU T
1A/di
v.
EN
5V/di
v.
VOU T
2V/di
v.
VIN
5V/di
v.
IOU T
2A/di
v.
EN
5V/di
v.
VOU T
2V/di
v.
VIN
5V/di
v.
IOU T
1A/di
v.
EN
5V/di
v.
VOU T
2V/di
v.
VIN
5V/di
v.
IOU T
2A/di
v.
EN
5V/di
v.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com