Electronic Components Datasheet Search
  English  ▼

X  

MP5010ADQ Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP5010ADQ
Description  3V-18V, 1A-5A Programmable-Current- Limit Switch with Over-Voltage Clamp
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5010ADQ Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP5010ADQ Datasheet HTML 5Page - Monolithic Power Systems MP5010ADQ Datasheet HTML 6Page - Monolithic Power Systems MP5010ADQ Datasheet HTML 7Page - Monolithic Power Systems MP5010ADQ Datasheet HTML 8Page - Monolithic Power Systems MP5010ADQ Datasheet HTML 9Page - Monolithic Power Systems MP5010ADQ Datasheet HTML 10Page - Monolithic Power Systems MP5010ADQ Datasheet HTML 11Page - Monolithic Power Systems MP5010ADQ Datasheet HTML 12Page - Monolithic Power Systems MP5010ADQ Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
MP5010A – 3V-18V, 1A-5A PROGRAMMABLE CURRENT LIMIT SWITCH
MP5010A Rev. 1.0
www.MonolithicPower.com
9
2/7/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1-5
SOURCE
Source. Internal power FET source. IC output.
6
N/C
DO NOT CONNECT—leave floating.
7
I-Limit
Current Limit. Using a resistor between this pin and Source to set the overload
and short-circuit current-limit levels.
8
Enable/Fault
Enable/Fault. A tri-state, bi-directional interface. Leave floating to enable the
output. Pull to ground (using an open drain or open collector device) to disable
the output. If a thermal fault occurs, this voltage enters an intermediate state to
signal that the device is in thermal shutdown.
9
dv/dt
Slew Rate. The internal dv/dt circuit controls the slew rate of the output voltage
at turn-on.
10
GND
Ground. Internal IC reference.
11
Exposed Pad
VCC
Input. Positive input voltage.
BLOCK DIAGRAM
Therm al
Shutdow n
Latch
C ontrolLogic
SE T
Enable/
Fault
5V
25 A
28k
2.5V
2V H ys
R ESE T
M 1
R 1
D 1
U 1
U 2
U 3
VCC UVLO
dv/dt
C ontrol
G N D
dv/dt
C harge
Pum p
Voltage
Clam p
VC C
C urr
entLim it
Source
I-Lim it
Figure 1: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com