Electronic Components Datasheet Search
  English  ▼

X  

MP5010ADQ Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP5010ADQ
Description  3V-18V, 1A-5A Programmable-Current- Limit Switch with Over-Voltage Clamp
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5010ADQ Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP5010ADQ Datasheet HTML 7Page - Monolithic Power Systems MP5010ADQ Datasheet HTML 8Page - Monolithic Power Systems MP5010ADQ Datasheet HTML 9Page - Monolithic Power Systems MP5010ADQ Datasheet HTML 10Page - Monolithic Power Systems MP5010ADQ Datasheet HTML 11Page - Monolithic Power Systems MP5010ADQ Datasheet HTML 12Page - Monolithic Power Systems MP5010ADQ Datasheet HTML 13Page - Monolithic Power Systems MP5010ADQ Datasheet HTML 14Page - Monolithic Power Systems MP5010ADQ Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
MP5010A – 3V-16V, 3A PROGRAMMABLE CURRENT LIMIT SWITCH
MP5010A Rev. 1.0
www.MonolithicPower.com
13
2/7/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
•
Place RLIMIT close to the I-limit pin
•
Place Cdv/dt close to dv/dt pin
•
Place the input capacitor close to the VCC
pin.
•
Leave the N/C pin floating.
•
Place vias in the thermal pad and provide
enough copper area near the VCC pin and
Source pin for thermal dissipation.
SOURCE
EN/ FAULT
dv/dt
5
4
3
2
1
6
7
8
9
10
I_LIMIT
N/C
GND
GND
VIN
VOUT
C3
SOURCE
SOURCE
SOURCE
SOURCE
EN/ FAULT
VIN
RLIMIT
Top Layer
VIN
Bottom Layer
Figure 3: PCB Layout
Design Example
Below is a direct-current-sensing design example
following the application guidelines for the given
specifications:
Table 5: Design Example
VIN
5V
Trip Current
3A
Hold Current
2.1A
Figure 5 shows the application schematic is
shown. The Typical Performance Characteristics
section shows the circuit waveforms. For more
device applications, please refer to the related
Evaluation Board Datasheets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com