Electronic Components Datasheet Search
  English  ▼

X  

MP5120 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP5120
Description  High Speed, /-9V, Rail-to-Rail Input-Output Op Amps
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5120 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP5120 Datasheet HTML 1Page - Monolithic Power Systems MP5120 Datasheet HTML 2Page - Monolithic Power Systems MP5120 Datasheet HTML 3Page - Monolithic Power Systems MP5120 Datasheet HTML 4Page - Monolithic Power Systems MP5120 Datasheet HTML 5Page - Monolithic Power Systems MP5120 Datasheet HTML 6Page - Monolithic Power Systems MP5120 Datasheet HTML 7Page - Monolithic Power Systems MP5120 Datasheet HTML 8Page - Monolithic Power Systems MP5120 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MP5120_MP5220_MP5420 –HIGH SPEED, +/-9V, RAIL-TO-RAIL INPUT-OUTPUT OP AMPS
MP5120_MP5220_MP5420 Rev. 0.91
www.MonolithicPower.com
3
12/9/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
ABSOLUTE MAXIMUM RATINGS (1)
(TA=25°C)
Supply Voltage between VS+ and VS-
.....................................................–0.3V to +22V
Input Voltage......................VS- - 0.5V, VS+ +0.5V
Maximum Continuous Output Current
.................................................................. 50mA
Maximum Die Temperature ....................+125°C
Storage Temperature............... -60°C to +150°C
Ambient Operating Temp........... -40°C to +85°C
Power Dissipation. ...................... See Curves
(2)
Thermal Resistance
(4)
θJA
θJC
MSOP ....................................150 ...... 65.. °C/W
TSOT .....................................220 .... 110.. °C/W
TSSOT .....................................40 …… 6.. °C/W
Recommended Operating Conditions
(3)
Power Supply Operation (VS+ to VS-)
..........................................................3.2V to +18V
Operating Junct. Temp (TJ) ....... -40°C to +125°C
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ (MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD (MAX) = (TJ
(MAX)-TA)/θJA. Exceeding the maximum allowable power
dissipation will cause excessive die temperature, and the
regulator will go into thermal shutdown. Internal thermal
shutdown circuitry protects the device from permanent
damage.
3) The device is not guaranteed to function outside of its
operating conditions.
4) Measured on JESD51-7, 4-layer PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com