Electronic Components Datasheet Search
  English  ▼

X  

MP5120 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP5120
Description  High Speed, /-9V, Rail-to-Rail Input-Output Op Amps
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5120 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP5120 Datasheet HTML 2Page - Monolithic Power Systems MP5120 Datasheet HTML 3Page - Monolithic Power Systems MP5120 Datasheet HTML 4Page - Monolithic Power Systems MP5120 Datasheet HTML 5Page - Monolithic Power Systems MP5120 Datasheet HTML 6Page - Monolithic Power Systems MP5120 Datasheet HTML 7Page - Monolithic Power Systems MP5120 Datasheet HTML 8Page - Monolithic Power Systems MP5120 Datasheet HTML 9Page - Monolithic Power Systems MP5120 Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
MP5120_MP5220_MP5420 –HIGH SPEED, +/-9V, RAIL-TO-RAIL INPUT-OUTPUT OP AMPS
MP5120_MP5220_MP5420 Rev. 0.91
www.MonolithicPower.com
6
12/9/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VS+=5V, VS-=-5V, RL=10KΩ, CL=12pF, TA=25ºC, unless otherwise noted.
VIN
0.1V/div
VOUT
0.5V/div
VOUT
0.5V/div
200ns/div
4ns/div
Vs+
2V/div
VIN
0.1V/div
VIN
0.1V/div
VOUT
50mV/div
Vs+
1V/div
VIN
0.2V/div
VOUT
1V/div
VIN
1V/div
VOUT
5V/div
VOUT
1V/div
VOUT
2V/div
VIN
0.2V/div
VOUT
1V/div
VIN
1V/div
VOUT
5V/div



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com