Electronic Components Datasheet Search
  English  ▼

X  

MP5120 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP5120
Description  High Speed, /-9V, Rail-to-Rail Input-Output Op Amps
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5120 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP5120 Datasheet HTML 1Page - Monolithic Power Systems MP5120 Datasheet HTML 2Page - Monolithic Power Systems MP5120 Datasheet HTML 3Page - Monolithic Power Systems MP5120 Datasheet HTML 4Page - Monolithic Power Systems MP5120 Datasheet HTML 5Page - Monolithic Power Systems MP5120 Datasheet HTML 6Page - Monolithic Power Systems MP5120 Datasheet HTML 7Page - Monolithic Power Systems MP5120 Datasheet HTML 8Page - Monolithic Power Systems MP5120 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MP5120_MP5220_MP5420 –HIGH SPEED, +/-9V, RAIL-TO-RAIL INPUT-OUTPUT OP AMPS
MP5120_MP5220_MP5420 Rev. 0.91
www.MonolithicPower.com
4
12/9/2009
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2009 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VS+ = +5V, VS- = -5V, RL = 10kΩ and CL = 10pF, TA =TJ= 25°C, unless otherwise noted.
Parameter
Symbol
Condition
Min
Typ
Max Units
INPUT CHARACTERISTICS
Input Offset Voltage
VOS
VCM=5V
2
20
mV
Average
Offset
Voltage
Drift
(3)
TCVOS
5
µ/°C
Input Bias Current
IB
VCM=5V
0.5
2
µA
Input Impedance
RIN
1
GΩ
Input Capacitance
CIN
1.35
pF
Common-Mode Input Range
CMIR
-5.5
+5.5
V
Common-Mode
Rejection
Ratio
CMRR
for VIN from -5.5V to +5.5V
60
85
dB
Open Loop Gain
AVOL
-4.5V ≤ VOUT ≤ +4.5V
50
60
≤
dB
OUTPUT CHARACTERISTICS
Output Swing Low
VOL
IL = -5mA
-4.95
V
Output Swing High
VOH
IL = -5mA
4.82
V
Sourcing
70
Short Circuit Current
ISC
Sinking
130
mA
POWER SUPPLY PERFORMANCE
Power
Supply
Rejection
Ratio
PSRR
VS is moved from ±2.25V to
±7.75V
70
95
dB
Supply
Current
(Per
Amplifier)
IS
No load
1.6
mA
DYNAMIC PERFORMANCE
Slew Rate (Rise/Fall)
SR
-4.0V ≤ VOUT ≤ +4.0V, 20%
to 80%
45
V/µs
Settling to +0.1% (AV = +1)
tS
(AV = +1), VO = 2V step
500
ns
-3dB Bandwidth
BW
RL = 10kΩ, CL = 10pF
20
MHz
Gain-Bandwidth Product
GBWP
RL = 10kΩ, CL = 10pF
14
MHz
Phase Margin
PM
RL = 10kΩ, CL = 10pF
50
Channel Separation
CS
f = 5MHz (MP5220 &
MP5420 only)
70
dB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com