Electronic Components Datasheet Search
  English  ▼

X  

MP6219DN Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP6219DN
Description  5V, 1A ??2A Programmable Current Limit Power Distribution Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6219DN Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP6219DN Datasheet HTML 1Page - Monolithic Power Systems MP6219DN Datasheet HTML 2Page - Monolithic Power Systems MP6219DN Datasheet HTML 3Page - Monolithic Power Systems MP6219DN Datasheet HTML 4Page - Monolithic Power Systems MP6219DN Datasheet HTML 5Page - Monolithic Power Systems MP6219DN Datasheet HTML 6Page - Monolithic Power Systems MP6219DN Datasheet HTML 7Page - Monolithic Power Systems MP6219DN Datasheet HTML 8Page - Monolithic Power Systems MP6219DN Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
MP6219 – PROGRAMMABLE CURRENT LIMIT (2A) POWER DISTRIBUTION SWITCH
MP6219 Rev.0.93
www.MonolithicPower.com
2
10/20/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Free Air Temperature (
TA)
MP6219DN
SOIC8E (Exposed Pad)
MP6219DN
–40
°C to +85°C
* For Tape & Reel, add suffix –Z (e.g. MP6219DN–Z).
For RoHS Compliant packaging, add suffix –LF (e.g. MP6219DN–LF–Z)
PACKAGE REFERENCE
1
2
3
4
8
7
6
5
TOP VIEW
ABSOLUTE MAXIMUM RATINGS (1)
IN, OUT, IPRGM................................................ 8V
EN/FAULT ..................................................... 6V
Junction Temperature………….–40
°C to +150°C
Continuous Power Dissipation
(TA = +25°C)
(2)
............................................................. 2.5W
Storage Temperature.............. –65°C to +155
°C
Recommended Operating Conditions
Input Voltage…………………………….5V ± 10%
Operating Junct.Temp. ........... .-40
°C to +125°C
Thermal Resistance (3)
θJA
θJC
SOIC8E...................................50 ...... 10 ...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/ θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) Measured on JESD51-7 4-layer board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com