Electronic Components Datasheet Search
  English  ▼

X  

MP6219DN Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP6219DN
Description  5V, 1A ??2A Programmable Current Limit Power Distribution Switch
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6219DN Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP6219DN Datasheet HTML 3Page - Monolithic Power Systems MP6219DN Datasheet HTML 4Page - Monolithic Power Systems MP6219DN Datasheet HTML 5Page - Monolithic Power Systems MP6219DN Datasheet HTML 6Page - Monolithic Power Systems MP6219DN Datasheet HTML 7Page - Monolithic Power Systems MP6219DN Datasheet HTML 8Page - Monolithic Power Systems MP6219DN Datasheet HTML 9Page - Monolithic Power Systems MP6219DN Datasheet HTML 10Page - Monolithic Power Systems MP6219DN Datasheet HTML 11Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
MP6219 – PROGRAMMABLE CURRENT LIMIT (2A) POWER DISTRIBUTION SWITCH
MP6219 Rev.0.93
www.MonolithicPower.com
7
10/20/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 5V, VEN=3.3V, RPRGM=24Ω, COUT=10uF, TA=25°C, unless otherwise noted.
VOUT
2V/div
IOUT
5A/div
100us/div
EN
5V/div
VOUT
2V/div
IOUT
1A/div
200ms/div
Trip Current=3.13A
EN=1.5V
Hold Current=2.2A
Thermal Shutdown



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com