Electronic Components Datasheet Search
  English  ▼

X  

MP6910 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP6910
Description  Fast Turn-off Intelligent Rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6910 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP6910 Datasheet HTML 1Page - Monolithic Power Systems MP6910 Datasheet HTML 2Page - Monolithic Power Systems MP6910 Datasheet HTML 3Page - Monolithic Power Systems MP6910 Datasheet HTML 4Page - Monolithic Power Systems MP6910 Datasheet HTML 5Page - Monolithic Power Systems MP6910 Datasheet HTML 6Page - Monolithic Power Systems MP6910 Datasheet HTML 7Page - Monolithic Power Systems MP6910 Datasheet HTML 8Page - Monolithic Power Systems MP6910 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MP6910- FAST TURN-OFF INTELLIGENT RECTIFIER
MP6910 Rev. 1.04
www.MonolithicPower.com
3
1/3/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VDD = 12V, TA= +25°C, unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Drain-to-Source Breakdown Voltage
V(BR)DSS
100
110
V
VDD Voltage Range
8
24
V
VDD UVLO Rising
5.0
6.0
7.0
V
VDD UVLO Hysteresis
0.8
1.2
1.5
V
Operating Current
ICC
FSW=100kHz
4.5
8
mA
Light-Load Mode Current
260
360
μA
CONTROL CIRCUITRY SECTION
VSS –VD Forward Voltage
Vfwd
55
70
85
mV
Turn-on Delay
(5)
TDon
200
ns
Turn off Threshold (VSS-VD)
(5)
30
mV
Turn-off Delay
(5)
TDoff
VD =VSS
30
45
ns
Minimum On-time
(5)
TMIN
1.6
μs
Light-load-enter Delay
TLL-Delay
120
μs
Light-load-enter Pulse Width
TLL
2.2
μs
Light-load-enter Pulse Width
Hysteresis
TLL-H
0.2
μs
Light-load Mode Exit Pulse Width
Threshold (VDS)
VLL-DS
-400
-250
-150
mV
POWER SWITCH SECTION
Single Pulse Avalanche Current
(6)
IAS
66
A
Single Pulse Avalanche Energy
(6)
EAS
597
mJ
Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=20A
10.2
mΩ
Input Capacitance
Ciss
VDS=40V, f=1MHz
5110
pF
Output Capacitance
Coss
334
pF
Reverse Transfer Capacitance
Crss
150
pF
DRAIN-SOURCE DIODE CHARACTERISTICS
Reverse Recovery Time
trr
81
ns
Diode Reverse Change
Qrr
190
nC
Notes:
5) Guaranteed by Design and Characterization.
6) Starting TJ=25°C, L=0.3mH
PIN FUNCTIONS
Pin #
Name
Description
1
VDD
Supply Voltage
2
VD
FET Drain
3
VS
FET Source, also used as reference for VDD



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com