Electronic Components Datasheet Search
  English  ▼

X  

MP6910 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP6910
Description  Fast Turn-off Intelligent Rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6910 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP6910 Datasheet HTML 1Page - Monolithic Power Systems MP6910 Datasheet HTML 2Page - Monolithic Power Systems MP6910 Datasheet HTML 3Page - Monolithic Power Systems MP6910 Datasheet HTML 4Page - Monolithic Power Systems MP6910 Datasheet HTML 5Page - Monolithic Power Systems MP6910 Datasheet HTML 6Page - Monolithic Power Systems MP6910 Datasheet HTML 7Page - Monolithic Power Systems MP6910 Datasheet HTML 8Page - Monolithic Power Systems MP6910 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MP6910- FAST TURN-OFF INTELLIGENT RECTIFIER
MP6910 Rev. 1.04
www.MonolithicPower.com
4
1/3/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
BLOCK DIAGRAM
Logic
Driver
VDD
VD
VSS
Control
Circuitry
Figure 1—Function Block Diagram
OPERATION
The MP6910 supports operation in DCM and
Quasi-Resonant Flyback converters. The control
circuitry controls the gate in forward mode and
will turn the gate off when the MOSFET current is
fairly low.
Blanking
The control circuitry contains a blanking function.
When it pulls the integrate Mosfet on/off, it makes
sure that the on/off state at least lasts for some
time. The turn on blanking time is ~1.6us, which
determines the minimum on-time. During the turn
on blanking period, the turn off threshold is not
totally blanked, but changes the threshold
voltage to ~+50mV (instead of -30mV). This
assures that the part can always be turned off
even during the turn on blanking period. (Albeit
slower)
Under-Voltage Lockout (UVLO)
When the VDD is below UVLO threshold, the part
is in sleep mode and the integrated Mosfet is
never turned on.
Basic Operation
The basic operations of flyback converter with
MP6910 are:
Turn On Phase
The switch current will first flow through the
body diode of the integrate Mosfet, which
generates a negative Vds across it (<-
500mV). The voltage is much smaller than
the turn on threshold of the control circuitry (-
70mV), which turns on the integrate Mosfet
after 200ns turn on delay (defined in Fig.2).
Conducting Phase
When the integrated Mosfet is turned on,
Vds becomes to rise according to its on
resistance, as soon as Vds rises above the
turn on threshold (-70mV), the control
circuitry stops pulling up the gate driver,
which leads the driver voltage of the
integrate Mosfet dropped to larger the on
resistance to ease the rise of Vds. By doing
that, Vds is adjusted to be around -70mV
even when the current through the switch is



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com