Electronic Components Datasheet Search
  English  ▼

X  

MP6910 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP6910
Description  Fast Turn-off Intelligent Rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6910 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP6910 Datasheet HTML 1Page - Monolithic Power Systems MP6910 Datasheet HTML 2Page - Monolithic Power Systems MP6910 Datasheet HTML 3Page - Monolithic Power Systems MP6910 Datasheet HTML 4Page - Monolithic Power Systems MP6910 Datasheet HTML 5Page - Monolithic Power Systems MP6910 Datasheet HTML 6Page - Monolithic Power Systems MP6910 Datasheet HTML 7Page - Monolithic Power Systems MP6910 Datasheet HTML 8Page - Monolithic Power Systems MP6910 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
MP6910
Fast Turn-off Intelligent Rectifier
MP6910 Rev. 1.04
www.MonolithicPower.com
1
1/3/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP6910 is a fast turn-off intelligent rectifier
for Flyback converters that combines a 100V
power switch that replaces diode rectifiers for
high efficiency. The chip regulates the forward
voltage drop of the internal power switch to
about 70mV and turns it off before the voltage
goes negative.
FEATURES
• Supports DCM and Quasi-Resonant
Flyback converter
• Integrated 10mΩ 100V Power Switch
• Compatible with Energy Star, 1W Standby
Requirements
• VDD Range From 8V to 24V
• Max 400kHz Switching Frequency
• Supports High-side and Low-side
Rectification
• Power Savings of Up to 1.5W in a Typical
Notebook Adapter
APPLICATIONS
• Industrial Power Systems
• Distributed Power Systems
• Battery Powered Systems
• Flyback Converters
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks
of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP6910


Similar Part No. - MP6910

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP6910A MPS-MP6910A Datasheet
416Kb / 4P
High Efficiency Synchronous Rectification EV Board
More results

Similar Description - MP6910

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMTC1-800F SEMPO-SMTC1-800F Datasheet
57Kb / 1P
Fast Turn-off Thyristor
SMTC1-1800F SEMPO-SMTC1-1800F Datasheet
59Kb / 1P
Fast Turn-off Thyristor
SMTC1-2000F SEMPO-SMTC1-2000F Datasheet
60Kb / 1P
Fast Turn-off Thyristor
logo
Monolithic Power System...
MP6900 MPS-MP6900 Datasheet
281Kb / 12P
Fast Turn-off Intelligent Controller
MP6902 MPS-MP6902 Datasheet
423Kb / 12P
Fast Turn-off Intelligent Controller
MP6903 MPS-MP6903 Datasheet
320Kb / 10P
Fast Turn-off Intelligent Controller
MP6920 MPS-MP6920 Datasheet
213Kb / 9P
Fast Turn-Off Intelligent Rectifier
MP6922 MPS-MP6922 Datasheet
312Kb / 13P
Dual Fast Turn-off Intelligent Controller
MP6922A MPS-MP6922A Datasheet
630Kb / 15P
Dual, Fast-Turn?밢ff, Intelligent Rectifier
logo
ZHEJIANG HUAJING RECTIF...
KK1500A HUAJING-KK1500A Datasheet
206Kb / 3P
Fast Turn-off Thyhristor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com