Electronic Components Datasheet Search
  English  ▼

X  

MP7741 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP7741
Description  10W Class D Mono Single Ended Audio Amplifer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7741 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP7741 Datasheet HTML 1Page - Monolithic Power Systems MP7741 Datasheet HTML 2Page - Monolithic Power Systems MP7741 Datasheet HTML 3Page - Monolithic Power Systems MP7741 Datasheet HTML 4Page - Monolithic Power Systems MP7741 Datasheet HTML 5Page - Monolithic Power Systems MP7741 Datasheet HTML 6Page - Monolithic Power Systems MP7741 Datasheet HTML 7Page - Monolithic Power Systems MP7741 Datasheet HTML 8Page - Monolithic Power Systems MP7741 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
MP7741 – 10W CLASS D MONO SINGLE ENDED AUDIO AMPLIFIER
MP7741 Rev. 1.0
www.MonolithicPower.com
4
2/17/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
OPERATING SPECIFICATIONS (7)
Circuit of Figure 3, VDD = 24V, Gain = 8.25V/V, VEN = 5V, TA = +25°C, unless otherwise noted.
Parameters
Symbol Condition
Min
Typ
Max
Units
Standby Current
VEN = 0V
90
µA
Quiescent Current
No load, switching
13
mA
Power Output
f = 1kHz, THD+N = 10%, 8Ω
Load
10.6
W
THD+ Noise
POUT = 1W, f = 1kHz, 8Ω Load
0.02
%
Efficiency
f = 1kHz, POUT = 10W, 8Ω Load
94
%
Maximum Power Bandwidth
20
kHz
Dynamic Range
97
dB
Noise Floor
A-Weighted
103
µV
Power Supply Rejection
VCC=24V,
VRIPPLE=200mVPP
CR=100µF
f = 1kHz
-58
dB
f = 217Hz
-58
dB
Note:
7) Operating Specifications are for the IC in Typical Application circuit (Figure 3).
PIN FUNCTIONS
Pin #
Name
Description
1
PIN
Internal analog reference (VDD/2), connect a bypass capacitor from PIN to AGND (10µF).
2
NIN
Amplifier Negative Input. Drive the input signal and close the feedback loop at NIN.
3
Timer
Internal timer input. A capacitor from Timer to AGND sets the internal timer and controls
the slew rate of start up source current.
4
AGND
Analog Ground. Connect AGND to PGND at a single point.
5
EN
Enable Input. Drive EN high to turn on the amplifier, low to turn it off.
6
UVP
Under-voltage protection reference input
7
VDD
Power Supply Input.
8
BS
High-Side MOSFET Bootstrap Input. A capacitor from BS to SW supplies the gate drive
current to the internal high-side MOSFET.
9
SW
Switched Power Output. Connect the LC filter between SW and the output coupling
capacitor.
10
PGND
Power Ground. Connect PGND to AGND at a single point.
Exposed
Pad
Connect exposed pad to GND plane for proper thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com