Electronic Components Datasheet Search
  English  ▼

X  

MP7741 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP7741
Description  10W Class D Mono Single Ended Audio Amplifer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7741 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP7741 Datasheet HTML 1Page - Monolithic Power Systems MP7741 Datasheet HTML 2Page - Monolithic Power Systems MP7741 Datasheet HTML 3Page - Monolithic Power Systems MP7741 Datasheet HTML 4Page - Monolithic Power Systems MP7741 Datasheet HTML 5Page - Monolithic Power Systems MP7741 Datasheet HTML 6Page - Monolithic Power Systems MP7741 Datasheet HTML 7Page - Monolithic Power Systems MP7741 Datasheet HTML 8Page - Monolithic Power Systems MP7741 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MP7741 – 10W CLASS D MONO SINGLE ENDED AUDIO AMPLIFIER
MP7741 Rev. 1.0
www.MonolithicPower.com
5
2/17/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CURVES
Circuit of Figure 3, VEN=5V, AV=8.25V/V, TA = +25°C, unless otherwise noted.
FREQUENCY (Hz)
FREQUENCY (Hz)
POUT (W)
0.001
20
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
50m
20
100m
1
10
0.001
20
0.002
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
10
20
20k
100
1k
10k
-0
+20
+2
+4
+6
+8
+10
+12
+14
+16
+18
40k
10
100
1k
10k
20
20k
100
1k
10k
-80
+0
-70
-60
-50
-40
-30
-20
-10
-120
+0
-100
-80
-60
-40
-20
220
46 8 10 12 14 16 18
20
20k
100
1k
10k
-120
+0
-100
-80
-60
-40
-20
50
30k
100
1k
10k
-120
+0
-100
-80
-60
-40
-20
0
5
10
15
20
25
0
5
10 15 20 25 30 35 40
0
10
20
30
40
50
60
70
80
90
100
02
4
6
8
10
12
FREQUENCY (Hz)
FREQUENCY (kHz)
FREQUENCY (Hz)
FREQUENCY (Hz)
VDD (V)
POUT (W)
Freq=1kHz
Freq=10kHz
Freq=100Hz
THD+N=1%
THD+N=10%
Right to Left
Left to Right



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com