Electronic Components Datasheet Search
  English  ▼

X  

MP7770 Datasheet(PDF) 23 Page - Monolithic Power Systems

Part # MP7770
Description  2 x 45W Stereo Single-Ended or 90W Mono BTL Class-D Audio Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7770 Datasheet(HTML) 23 Page - Monolithic Power Systems

Back Button MP7770 Datasheet HTML 15Page - Monolithic Power Systems MP7770 Datasheet HTML 16Page - Monolithic Power Systems MP7770 Datasheet HTML 17Page - Monolithic Power Systems MP7770 Datasheet HTML 18Page - Monolithic Power Systems MP7770 Datasheet HTML 19Page - Monolithic Power Systems MP7770 Datasheet HTML 20Page - Monolithic Power Systems MP7770 Datasheet HTML 21Page - Monolithic Power Systems MP7770 Datasheet HTML 22Page - Monolithic Power Systems MP7770 Datasheet HTML 23Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 23 / 23 page
background image
MP7770 –2 X 45W STEREO SE OR 90W MONO BTL CLASS D AUDIO AMPLIFIER
NOTICE: The information in this document is subject to change without notice. Please contact MPS for current specifications.
Users should warrant and guarantee that third party Intellectual Property rights are not infringed upon when integrating MPS
products into any application. MPS will not assume any legal responsibility for any said applications.
MP7770 Rev. 1.0
www.MonolithicPower.com
23
12/4/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TSSOP28-EPR
PACKAGE OUTLINE DRAWING FOR 28-TSSOP w/ REVERSE EXPOSED PADDLE
MF-PO-D-0XXX preliminary
SIDE VIEW
NOTE:
1) ALL DIMENSIONS ARE IN MILLIMETERS.
2) PACKAGE LENGTH DOES NOT INCLUDE MOLD FLASH,
PROTRUSION OR GATE BURR.
3) PACKAGE WIDTH DOES NOT INCLUDE INTERLEAD FLASH
OR PROTRUSION.
4) LEAD COPLANARITY(BOTTOM OF LEADS AFTER FORMING)
SHALL BE 0.10 MILLIMETERS MAX.
5) JEDEC REFERENCE IS MO-153.
6) DRAWING IS NOT TO SCALE.
0.45
0.75
0o-8o
0.25 BSC
GAUGE PLANE
9.60
9.80
PIN 1 ID
4.30
4.50
6.20
6.60
114
15
28
TOP VIEW
0.09
0.20
SEE DETAIL " "
BOTTOM VIEW
2.60
3.10
5.40
5.90
0.19
0.30
SEATING PLANE
0.65 BSC
0.80
1.05
1.20 MAX
0.00
0.15
FRONT VIEW
RECOMMENDED LAND PATTERN
5.80
TYP
1.60
TYP
0.40
TYP
0.65
BSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com