Electronic Components Datasheet Search
  English  ▼

X  

MP7770 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP7770
Description  2 x 45W Stereo Single-Ended or 90W Mono BTL Class-D Audio Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7770 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP7770 Datasheet HTML 13Page - Monolithic Power Systems MP7770 Datasheet HTML 14Page - Monolithic Power Systems MP7770 Datasheet HTML 15Page - Monolithic Power Systems MP7770 Datasheet HTML 16Page - Monolithic Power Systems MP7770 Datasheet HTML 17Page - Monolithic Power Systems MP7770 Datasheet HTML 18Page - Monolithic Power Systems MP7770 Datasheet HTML 19Page - Monolithic Power Systems MP7770 Datasheet HTML 20Page - Monolithic Power Systems MP7770 Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
MP7770 –2 X 45W STEREO SE OR 90W MONO BTL CLASS D AUDIO AMPLIFIER
MP7770 Rev.1.0
www.MonolithicPower.com
17
12/4/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
Choosing the Output LC Filter
The inductor-capacitor (LC) filter converts the
pulses at SW to the output voltage that drives
the speaker. There are two kinds of LC filter
structure depending on the output configuration.
LF
CF
COUT
SW1/2
RLOAD
Figure 4: SE Filter Configuration
LF1
LF2
CY1
CY2
CX
SW1
SW2
RLOAD
Figure 5: BTL Filter Configuration
Where:
FF1
F2
LL
L

,
Y1
Y2
FX
Y1
Y2
CC
CC
CC

,
F1
F2
LL
;
Y1
Y2
CC
The characteristic frequency of the LC filter
needs to be high enough to allow high
frequency audio to the output, yet needs to be
low enough to filter out high frequency products
of
the
pulses
from
the
SW
pin.
The
characteristic frequency of the LC filter is:
0
FF
1
f
2L
C
 
The quality factor (Q) of the LC filter is important:
If this is too low, output noise will increase; if this
is too high, then peaking may occur at high
frequencies and reduce the passband flatness.
The circuit Q is set by the load resistance
(speaker resistance, typically 4Ω or 8Ω). Q is
calculated as:
LOAD
LOAD
0F
0F
RR
Q
L2
f
L


  
0
is
the
characteristic
frequency
in
radians/second and f0 is in Hz. Use an LC filter
with Q between 0.7 and 1.
The type of inductor and capacitor used in the
LC filter.greatly affects the output ripple and
noise. Use a film capacitor and an inductor with
sufficient power rating to supply the output
current to the load. The inductor must exhibit soft
saturation characteristics: If the inductor exhibits
hard saturation, it should operate well below the
saturation current. Use toroidal cores made of
gapped ferrite, MPP, powdered iron, or similar
materials. If using either an open or shielded
bobbin ferrite core for multi-channel designs,
make sure that the start windings of each
inductor align (all starting toward the SW pin, or
all starting toward the output) to prevent
crosstalk
or
other
channel-to-channel
interference.
Output Coupling Capacitor for SE Output
The output AC coupling capacitor—COUT—
serves to pass only the amplified AC signal
from the LC filter to the load and to block DC
signals. The combination of the coupling
capacitor, COUT and the load resistance results
in a first-order high-pass filter. Select COUT so
that the required minimum frequency passes.
The output corner frequency (-3dB point), fOUT,
can be calculated as:
OUT
LOAD
OUT
C
R
2
1
f
Set the output corner frequency (fOUT) at or
below the minimum required frequency.
The output coupling capacitor carries the full
load current, so chose a capacitor such that its
ripple current rating is greater than the
maximum load current. Use low-ESR aluminum
electrolytic capacitors for best results.
Input Coupling Capacitor
The input coupling capacitors CIN1 and CIN2
pass only the AC signal at the input. For a
typical system application, the source input
signal centers around the circuit ground, while
the MP7770 input is at half the power supply
voltage (VDD/2). The input coupling capacitor
transmits the AC signal from the source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com