Electronic Components Datasheet Search
  English  ▼

X  

MP7770GF Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP7770GF
Description  2 x 45W Stereo Single-Ended or 90W Mono BTL Class-D Audio Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7770GF Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP7770GF Datasheet HTML 15Page - Monolithic Power Systems MP7770GF Datasheet HTML 16Page - Monolithic Power Systems MP7770GF Datasheet HTML 17Page - Monolithic Power Systems MP7770GF Datasheet HTML 18Page - Monolithic Power Systems MP7770GF Datasheet HTML 19Page - Monolithic Power Systems MP7770GF Datasheet HTML 20Page - Monolithic Power Systems MP7770GF Datasheet HTML 21Page - Monolithic Power Systems MP7770GF Datasheet HTML 22Page - Monolithic Power Systems MP7770GF Datasheet HTML 23Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
MP7770 –2 X 45W STEREO SE OR 90W MONO BTL CLASS D AUDIO AMPLIFIER
MP7770 Rev.1.0
www.MonolithicPower.com
19
12/4/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
prevent crosstalk. Make sure that all inductors
used on a single circuit board have the same
orientation.
Route each power supply from the source to
each channel individually, not serially. This
prevents channel-to-channel coupling through
the power supply input.
Electro-Magnetic Interference (EMI)
Considerations
Due to the switching nature of Class D
amplifiers, care must be taken to minimize the
effects of electromagnetic interference from the
amplifier. However, proper component selection
and careful attention to circuit layout can
minimize the effects of the EMI due to the
amplifier switching.
The power inductors are a potential source of
radiated
emissions.
For
the
best
EMI
performance, use toroidal inductors, since the
magnetic field is well-contained inside the core.
However toroidal inductors can be expensive to
wind. For a more economical solution, use
shielded-gapped–ferrite
or
shielded-ferrite-
bobbin-core inductors. These inductors typically
do not contain the EM field as well toroidal
inductors, but can achieve a better balance
between good EMI performance with low cost.
The size of high-current loops that carry rapidly
changing currents must be minimized: Make
sure that the VDD bypass capacitors are as
close to the MP7770 as possible.
Nodes that carry rapidly changing voltage, such
as SW, need to be made as small as possible.
If sensitive traces run near a trace connected to
SW, place a ground shield between the traces.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com