Electronic Components Datasheet Search
  English  ▼

X  

MP7770GF Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP7770GF
Description  2 x 45W Stereo Single-Ended or 90W Mono BTL Class-D Audio Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7770GF Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP7770GF Datasheet HTML 15Page - Monolithic Power Systems MP7770GF Datasheet HTML 16Page - Monolithic Power Systems MP7770GF Datasheet HTML 17Page - Monolithic Power Systems MP7770GF Datasheet HTML 18Page - Monolithic Power Systems MP7770GF Datasheet HTML 19Page - Monolithic Power Systems MP7770GF Datasheet HTML 20Page - Monolithic Power Systems MP7770GF Datasheet HTML 21Page - Monolithic Power Systems MP7770GF Datasheet HTML 22Page - Monolithic Power Systems MP7770GF Datasheet HTML 23Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
MP7770 –2 X 45W STEREO SE OR 90W MONO BTL CLASS D AUDIO AMPLIFIER
MP7770 Rev.1.0
www.MonolithicPower.com
20
12/4/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
MP7770
BST1
SW1
BST2
SW2
REF1
6
5
4
11
9
CH1
INPUT
10
13
14
7,8
1
2
CH1
OUTPUT
CH2
OUTPUT
18,19
22,23
26,27
20,21
16,17
15
24,25
28
IN1
TIMER1
TIMER2
REF2
IN2
OTW
FAULT
AGND2
UVP
EN
PGND2
VDD2
VDD
CBYP2
CBYP1
CVDDBYP
CF1
LF2
COUT2
CF2
C
C
CFB1
RFB1
CH2
INPUT
EN
PGND1
VDD1
CFB2
RFB2
CIN2
RIN2
CIN1
RIN1
CR2
C
1000
INT2
CR1
CINT1
OTW
FAULT
Figure 6: 24V VDD Stereo SE Typical Application Circuit
MP7770
BST1
SW1
BST2
SW2
REF1
6
5
4
9
10
78
1
13
2
14
11
SP-
SP+
15
18, 19
24, 25
26, 27
16, 17
28
IN1
TIMER1
TIMER2
REF2
IN2
OTW
EN1
FAULT
UVP
PGND2
CINT
2.2nF
CSN2
390pF
50V
CSN1
390pF
50V
RSN1
10
RSN2
10
CFB2
22pF
CFBX2
2pF
PGND1
VCC
SW2
U1
EN
VCC
SW1
SW2
SW1
INPUT+
CFBX1
2pF
CFB1
22pF
INPUT-
OTW
FAULT
Figure 7: 24V VDD Mono BTL Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com