Electronic Components Datasheet Search
  English  ▼

X  

MP7770GF Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP7770GF
Description  2 x 45W Stereo Single-Ended or 90W Mono BTL Class-D Audio Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7770GF Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP7770GF Datasheet HTML 10Page - Monolithic Power Systems MP7770GF Datasheet HTML 11Page - Monolithic Power Systems MP7770GF Datasheet HTML 12Page - Monolithic Power Systems MP7770GF Datasheet HTML 13Page - Monolithic Power Systems MP7770GF Datasheet HTML 14Page - Monolithic Power Systems MP7770GF Datasheet HTML 15Page - Monolithic Power Systems MP7770GF Datasheet HTML 16Page - Monolithic Power Systems MP7770GF Datasheet HTML 17Page - Monolithic Power Systems MP7770GF Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
MP7770 –2 X 45W STEREO SE OR 90W MONO BTL CLASS D AUDIO AMPLIFIER
MP7770 Rev.1.0
www.MonolithicPower.com
14
12/4/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
Over-Temperature Shutdown
Thermal monitoring is also integrated into the
MP7770. If the die temperature rises above
150°C, all switches turn off. The temperature
must fall below 130°C before normal operation
resumes, with the same power-up sequence
used to prevent popping noise.
Over-Temperature Warning Output
The MP7770 includes an open drain, active low
fault indicator output to act as an over-
temperature warning (OTW). The OTW pin is
asserted when the die temperature reaches
125°C and goes low until the temperature drops
below 115°C.
Do not apply more than 6V to the OTW pin.
Fault Output
The MP7770 includes an open drain, active low
fault indicator output on the FAULTB pin. A fault
triggers if either the current limit or thermal
shutdown is tripped.
A fault on any channel will cause the FAULTB
pin to pull low. A fault on either channel will
cause the all outputs to go into high impedance.
When the fault goes away, the MP7770 will
resume normal operation.
Do not apply more than 6V to the FAULTB pin.
Normal Operation
Overcurrent
detected?
No
Disable output,
Fault =L
Yes
Meet restart
condition (start
up sequence )?
Enable output ,
Fault=H
Yes
Yes
No
TEMP>125 °C
?
No
OTW =L
Yes
TEMP<115 °C
?
OTW=H
Yes
No
TEMP>150 °C
?
No
Disable output ,
Fault =L
Yes
TEMP<130 °C
?
Yes
No
Meet restart
condition (start
up sequence)?
Yes
No
Enable output ,
Fault =H
Around 1ms
time out
finished?
No
Figure 2: Fault Timing Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com