Electronic Components Datasheet Search
  English  ▼

X  

PCI1520PDVG4 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # PCI1520PDVG4
Description  PC Card Controllers
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI1520PDVG4 Datasheet(HTML) 49 Page - Texas Instruments

Back Button PCI1520PDVG4 Datasheet HTML 45Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 46Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 47Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 48Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 49Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 50Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 51Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 52Page - Texas Instruments PCI1520PDVG4 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 139 page
background image
3−14
Table 3−7. Register- and Bit-Loading Map
EEPROM
OFFSET
REGISTER
OFFSET
REGISTER BITS LOADED FROM EEPROM
00h
Flag
01h: Load / FFh: do not load
01h
PCI 04h
Command register, bits 8, 6−5, 2−0
Note: bits loaded per following:
b8
← b7
b6
← b6
b5
← b5
b2
← b2
b1
← b1
b0
← b0
02h
PCI 40h
Subsystem vendor ID bits 7−0
← bits 7−0
03h
PCI 40h
Subsystem vendor ID bits 15−8
← bit 7−0
04h
PCI 42h
Subsystem ID bits 7−0
← bits 7−0
05h
PCI 42h
Subsystem ID bits 15−8
← bits 7−0
06h
PCI 44h
PC Card 16-bit I/F legacy-mode base address bits 7−1
← bits 7−1
07h
PCI 44h
PC Card 16-bit I/F legacy-mode base address bits 15−8
← bits 7−0
08h
PCI 44h
PC Card 16-bit I/F legacy-mode base address bit 23:16
← bit 7:0
09h
PCI 44h
PC Card 16-bit I/F legacy-mode base address bits 31−24
← bits 7−0
0Ah
PCI 80h
System control bits 7−0
← bits 7−0
0Bh
PCI 80h
System control bits 15−8
← bits 7−0
0Ch
PCI 80h
System control byte bits 31−24
← bits 7−0
0Dh
PCI 8Ch
Multifunction routing bits 7−0
← bits 7−0
0Eh
PCI 8Ch
Multifunction routing bits 15−8
← bits 7−0
0Fh
PCI 8Ch
Multifunction routing bits 23−16
← bits 7−0
10h
PCI 8Ch
Multifunction routing bits 27−24
← bits 3−0
11h
PCI 90h
Retry status bits 7, 6
← bits 7, 6
12h
PCI 91h
Card control bits 7, 5
← bits 7, 6
13h
PCI 92h
Device control bits 6, 3−0
← bits 6, 3−0
14h
PCI 93h
Diagnostic bits 7, 4−0
← bits 7, 4−0
15h
PCI A2h
Power management capabilities bit 15
← bit 7
16h
ExCA 00h
ExCA identification and revision bits 7−0
← bits 7−0
17h
CB Socket + 0Ch
(function 0)
Function 0 socket force event, bit 27
← bit 3
18h
CB Socket + 0Ch
(function 1)
Function 1 socket force event, bit 27
← bit 3
This format must be followed for the PCI1520 to load initializations from a serial EEPROM. All bit fields must be
considered when programming the EEPROM.
The serial EEPROM is addressed at slave address 1010 000b by the PCI1520. All hardware address bits for the
EEPROM should be tied to the appropriate level to achieve this address. The serial EEPROM chip in the sample
application circuit (Figure 3−8) assumes the 1010b high-address nibble. The lower three address bits are terminal
inputs to the chip, and the sample application shows these terminal inputs tied to GND.
3.6.4
Accessing Serial-Bus Devices Through Software
The PCI1520 provides a programming mechanism to control serial bus devices through software. The programming
is accomplished through a doubleword of PCI configuration space at offset B0h. Table 3−8 lists the registers used
to program a serial-bus device through software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com