Electronic Components Datasheet Search
  English  ▼

X  

MP8903 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP8903
Description  Low Dropout 150mA Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8903 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP8903 Datasheet HTML 1Page - Monolithic Power Systems MP8903 Datasheet HTML 2Page - Monolithic Power Systems MP8903 Datasheet HTML 3Page - Monolithic Power Systems MP8903 Datasheet HTML 4Page - Monolithic Power Systems MP8903 Datasheet HTML 5Page - Monolithic Power Systems MP8903 Datasheet HTML 6Page - Monolithic Power Systems MP8903 Datasheet HTML 7Page - Monolithic Power Systems MP8903 Datasheet HTML 8Page - Monolithic Power Systems MP8903 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
MP8903 – LOW DROPOUT, 150mA LINEAR REGULATOR
MP8903 Rev. 1.11
www.MonolithicPower.com
3
4/4/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN = 5V, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
Operating Voltage
IOUT = 1mA
2.7
6.5
V
Output Voltage Accuracy
IOUT = 1mA, VOUT = 1.5V to 5V
±1.0
±2.0
%
Shutdown Current
VEN = 0V, VIN = 5V
0.1
1
µA
FB Regulation Voltage
1.197
1.222
1.246
V
–40
°C ≤ TA ≤ +85°C
1.194
1.222
1.249
Dropout Voltage
(6)
IOUT = 150mA
VOUT = 3V
150
mV
VOUT = 4V
125
Line Regulation
IOUT = 1mA,
VIN = (VOUT + 0.5V) to 6.5V
(7)
0.005
0.08
%/V
Load Regulation
IOUT = 1mA to 150mA,
VIN = VOUT + 0.5V
(7)
0.001
0.02
%/mA
PSRR
VIN > VOUT +0.5V, C3 = 2.2µF,
VIN(AC) = 100mV, f = 1kHz
(5)
50
dB
VIN > VOUT +0.5V, C3 = 2.2µF,
VIN(AC) = 100mV, f = 1MHz
(5)
20
dB
EN Input High Voltage
1.5
V
EN Input Low Voltage
0.4
V
EN Input Bias Current
VEN = 0V
0.01
1
µA
Thermal Protection
(5)
155
°C
Thermal Protection Hysteresis
(5)
30
°C
Notes:
5) Parameter is guaranteed by design, not production tested.
6) Dropout Voltage is defined as the input to output differential when the output voltage drops 1% below its normal value.
7) VIN = 2.7V for VOUT = 1.25V to 2.2V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com