Electronic Components Datasheet Search
  English  ▼

X  

MP8903 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP8903
Description  Low Dropout 150mA Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8903 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP8903 Datasheet HTML 2Page - Monolithic Power Systems MP8903 Datasheet HTML 3Page - Monolithic Power Systems MP8903 Datasheet HTML 4Page - Monolithic Power Systems MP8903 Datasheet HTML 5Page - Monolithic Power Systems MP8903 Datasheet HTML 6Page - Monolithic Power Systems MP8903 Datasheet HTML 7Page - Monolithic Power Systems MP8903 Datasheet HTML 8Page - Monolithic Power Systems MP8903 Datasheet HTML 9Page - Monolithic Power Systems MP8903 Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MP8903 – LOW DROPOUT, 150mA LINEAR REGULATOR
MP8903 Rev. 1.11
www.MonolithicPower.com
8
4/4/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
PCB LAYOUT GUIDE
PCB layout is very important to achieve good regulation, ripple rejection, transient response and
thermal performance. It is highly recommended to duplicate EVB layout for optimum performance.
If change is necessary, please follow these guidelines and take figure 5 for reference.
1) Input and output bypass ceramic capacitors are suggested to be put close to the IN Pin and OUT
Pin respectively.
2) Ensure all feedback connections are short and direct. Place the feedback resistors and
compensation components as close to the chip as possible.
3) Connect IN, OUT and especially GND respectively to a large copper area to cool the chip to
improve thermal performance and long-term reliability.
MP8903DG
FB
OUT
8
5,6
GND
4
EN
IN
2
3,4
OUTPUT
VIN
VIN
C3
C2
C1
R3
R1
R2
MP8903DJ
FB
OUT
4
5
GND
2
EN
IN
3
1
OUTPUT
VIN
VIN
C3
C2
C1
R3
R1
R2
R2
IN
R1
C2
C1
C3
OUT
GND
R3
IN
EN
OUT
IN
OUT
NC
FB
GND
6
7
8
1
2
3
4
5
C1
1
2
34
5
VIN
EN
GND
FB
OUT
C3
VIN
VOUT
GND
R1
R2
C2
C3
R3
Top Layer
Figure 5—PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com