Electronic Components Datasheet Search
  English  ▼

X  

MP8903 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP8903
Description  Low Dropout 150mA Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8903 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP8903 Datasheet HTML 1Page - Monolithic Power Systems MP8903 Datasheet HTML 2Page - Monolithic Power Systems MP8903 Datasheet HTML 3Page - Monolithic Power Systems MP8903 Datasheet HTML 4Page - Monolithic Power Systems MP8903 Datasheet HTML 5Page - Monolithic Power Systems MP8903 Datasheet HTML 6Page - Monolithic Power Systems MP8903 Datasheet HTML 7Page - Monolithic Power Systems MP8903 Datasheet HTML 8Page - Monolithic Power Systems MP8903 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MP8903 – LOW DROPOUT, 150mA LINEAR REGULATOR
MP8903 Rev. 1.11
www.MonolithicPower.com
5
4/4/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
PIN FUNCTIONS
QFN8
(2x2mm)
Pin #
TSOT23-5
Pin #
Name Description
1
2
GND Ground.
2
3
EN
Enable Input. Drive EN high to turn on the MP8903; low to turn it off. For
automatic startup, connect EN to IN.
3, 4
1
IN
Power Source Input. IN supplies the internal power to the MP8903 and is the
source of the pass transistor. Bypass IN to GND with a 1µF or greater
capacitor.
5, 6
5
OUT
Regulator Output. OUT is the output of the linear regulator. Bypass OUT to
GND with a 1µF or greater capacitor.
7
NC
No Connect.
8
4
FB
Feedback Input. Connect a resistive voltage divider from OUT to FB to set the
output voltage. The OUT feedback threshold is 1.222V.
OPERATION
The MP8903 is a low-current, low-dropout
linear regulator. The MP8903 uses a PMOS
pass element and features internal thermal
shutdown. The normally fixed output MP8903
may be converted to an adjustable output device
by applying a resistor divider network as shown in
Figure 2. An optional feed-forward capacitor,
CBYP, may be added for an improved transient
response.
VIN
VEN
C3
GND
FB
OUT
VOUT
--
+
BANDGAP
REFERENCE
INTERNAL
RESISTOR
DIVIDER
CBYP
Figure 1—Fixed Output Regulator
VIN
VEN
COUT
CBYP
R1
R2
VOUT
--
+
BANDGAP
REFERENCE
GND
FB
OUT
EXTERNAL
RESISTOR
DIVIDER
Figure 2—Adjustable Regulator: VOUT = VFB (1+(R1/R2))



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com