Electronic Components Datasheet Search
  English  ▼

X  

MP8904 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP8904
Description  500mA Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8904 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP8904 Datasheet HTML 1Page - Monolithic Power Systems MP8904 Datasheet HTML 2Page - Monolithic Power Systems MP8904 Datasheet HTML 3Page - Monolithic Power Systems MP8904 Datasheet HTML 4Page - Monolithic Power Systems MP8904 Datasheet HTML 5Page - Monolithic Power Systems MP8904 Datasheet HTML 6Page - Monolithic Power Systems MP8904 Datasheet HTML 7Page - Monolithic Power Systems MP8904 Datasheet HTML 8Page - Monolithic Power Systems MP8904 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MP8904 –500mA LINEAR REGULATOR
MP8904 Rev. 1.02
www.MonolithicPower.com
4
6/6/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
Based on the Figure 2 Typical Application Circuit
C1=2.2μF, C2 =4.7μF, C3=1nF, TA = +25°C, unless otherwise noted.
3.33
3.32
3.31
3.30
3.29
3.28
Load Regulation
VIN=3.6V
3.83
3.32
3.3
3.30
3.29
3.28
0
3.5
3.9
4.3
4.7
5.1
5.5
Line Regulation
1.83
1.82
1.81
1.80
1.79
1.78
0 100 200 300 400 500 600
VIN=2.5V
VIN=3.3V
VIN=5V
1.83
1.82
1.81
1.80
1.79
1.78
0
100
200
300
400
500
0
100
200
300
400
500
Load Regulation
VIN=2.5V
1.82
1.81
1.80
1.79
1.78
1.77
Line Regulation
1.808
1.804
1.800
1.796
1.792
1.788
100
200
300
400
500
600
2.5
3.0
3.5
4.0
4.5
5.0
ILOAD CURRENT (mA)
ILOAD CURRENT (mA)
VIN=5V
0.61
0.60
0.59
0.58
0.57
0.56
0
100
200
300
400
500
ILOAD CURRENT (mA)
ILOAD CURRENT (mA)
ILOAD CURRENT (mA)
Load Regulation
VIN=2.5V
0.63
0.62
0.61
0.60
0.59
0.58
2.5
3
3.5
4
4.5
5 5.5
VIN VOLTAGE (V)
INPUT VOLTAGE (V)
INPUT VOLTAGE (V)
Line Regulation
0.40
0.35
0.30
0.25
0.20
0.15
0.10
100
200
300
400
500
ILOAD CURRENT(mA)
Voltage Dropout vs Current
VO=1.8V-3.3V
VIN=2.5V
VIN=3.3V
85
°C Load Regulation
-40
°C Load Regulation



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com