Electronic Components Datasheet Search
  English  ▼

X  

MP8904 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP8904
Description  500mA Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8904 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP8904 Datasheet HTML 2Page - Monolithic Power Systems MP8904 Datasheet HTML 3Page - Monolithic Power Systems MP8904 Datasheet HTML 4Page - Monolithic Power Systems MP8904 Datasheet HTML 5Page - Monolithic Power Systems MP8904 Datasheet HTML 6Page - Monolithic Power Systems MP8904 Datasheet HTML 7Page - Monolithic Power Systems MP8904 Datasheet HTML 8Page - Monolithic Power Systems MP8904 Datasheet HTML 9Page - Monolithic Power Systems MP8904 Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MP8904 –500mA LINEAR REGULATOR
MP8904 Rev. 1.02
www.MonolithicPower.com
7
6/6/2012
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2012 MPS. All Rights Reserved.
PIN FUNCTIONS
OPERATION
The MP8904 is a low-current, low-voltage, low-
dropout, linear regulator. It is intended for
devices that require very low voltage and low
quiescent current power, such as wireless
modems and cellular phones.
The MP8904 uses a PNP pass element and
features internal thermal shutdown and internal
current limit circuit.
VIN
PG
GND
FB
OUT
EN
5V
PG
8
--
+
--
+
VOUT
C2
R2
0.5V
REF
R1
R3
THERMAL
PROTECT
C1
3
5
6
4
1
Figure 1: Functional Block Diagram
Pin #
Name
Description
1
OUT
Regulator Output. Bypass OUT to GND with a
≥4.7μF capacitor.
2
NC
No connect.
3
PG
Power-Good Open Collector Output. Monitors the regulator output. If the regulator
output falls below 10% of its regulation point, the power-good pin goes low.
4
FB
Feedback. Connect a resistive voltage divider from OUT to FB to set the output
voltage. OUT feedback threshold is 0.5V.
5
EN
Enable Input. Drive EN above 1.2V to turn on the MP8904. Drive EN below 0.4V to
turn it off.
6
GND
Ground.
7
NC
No connect.
8
IN
Power Source Input. IN supplies the internal power to the MP8904 and is the source
for the pass transistor. Bypass IN to GND with a
≥2.2μF capacitor.
Exposed
Pad
Connect to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com